Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 34 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 34 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 30Page - Monolithic Power Systems MP2624GL Datasheet HTML 31Page - Monolithic Power Systems MP2624GL Datasheet HTML 32Page - Monolithic Power Systems MP2624GL Datasheet HTML 33Page - Monolithic Power Systems MP2624GL Datasheet HTML 34Page - Monolithic Power Systems MP2624GL Datasheet HTML 35Page - Monolithic Power Systems MP2624GL Datasheet HTML 36Page - Monolithic Power Systems MP2624GL Datasheet HTML 37Page - Monolithic Power Systems MP2624GL Datasheet HTML 38Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
34
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Charge Voltage Control Register/ Address: 04H (Default 1100 0011)
Bit
Symbol
Description
Read/ Write
Default
Charge Full Voltage
Bit 7
VBATT_FULL [5]
480mV
Read/ Write
Offset: 3.48V
Range: 3.48V –
4.425V
Default: 4.2V
(110000)
Bit 6
VBATT FULL [4]
240mV
Bit 5
VBATT_FULL [3]
120mV
Bit 4
VBATT_FULL [2]
60mV
Bit 3
VBATT_FULL [1]
30mV
Bit 2
VBATT_FULL [0]
15mV
Pre-Charge Threshold
Bit 1
VBATT_PRE
0 – 2.8V
1 – 3.0V
Read/ Write
3.0V (1)
Battery Recharge Threshold (below VBATT_FULL)
Bit 0
VRECH
0 – 200mV
1 – 100mV
Read/ Write
100mV (1)
Charge Termination/Timer Control Register / Address: 05H (default: 1001 1000)
Bit
Symbol
Description
Read/ Write
Default
Termination Setting
Bit 7
EN_BF
0 – Disable
1 – Enable
Read/ Write
Enable (1)
Termination Indicator Threshold
Bit 6
BF_STAT
0 – Match IBF
1 – Indicate before the actual
termination on START
Read/ Write
Match IBF (0)
I2C Watchdog Timer Limit
Bit 5
WATCHDOG [1]
00 – Disable timer
01 – 40s
10 – 80s
11 – 160s
Read/ Write
40s (01)
Bit 4
WATCHDOG [0]
Safety Timer Setting
Bit 3
EN_TIMER
0 – Disable
1 – Enable
Read/ Write
Enable timer (1)
Constant-Current Charge Timer (2x during PPM)
Bit 2
CHG _TMR [1]
00 – 5hrs
01 – 8hrs
10 – 12hrs
11 – 20hrs
Read/ Write
5hrs (00)
Bit 1
CHG _TMR [2]
Bit 0
Reserved
Read/ Write
(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com