Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 6Page - Monolithic Power Systems MP2624GL Datasheet HTML 7Page - Monolithic Power Systems MP2624GL Datasheet HTML 8Page - Monolithic Power Systems MP2624GL Datasheet HTML 9Page - Monolithic Power Systems MP2624GL Datasheet HTML 10Page - Monolithic Power Systems MP2624GL Datasheet HTML 11Page - Monolithic Power Systems MP2624GL Datasheet HTML 12Page - Monolithic Power Systems MP2624GL Datasheet HTML 13Page - Monolithic Power Systems MP2624GL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
10
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VREF LDO
VREF LDO output voltage
VIN = 10V, IVREF = 40mA
4.82
5
V
VIN = 5V, IVREF = 20mA
4.8
VREF LDO current limit
VVREF = 4V
50
mA
OTG Boost Mode
Battery operating range
VBATT OTG
2.5
4.5
V
Battery discharge current
IBATT_OTG
VIN < VIN_UVLO,
VBATT_OTG = 4.2V, battery
FET is off
20
μA
VIN < VIN_UVLO,
VBATT_OTG = 4.2V, battery
FET is on
35
μA
OTG output voltage
VIN OTG
IOTG = 0A
5.15
V
OTG output voltage accuracy
As percentage of VIN_OTG,
IOTG = 0A.
-2
2
%
Battery operation UVLO
VBATT UVLO VBATT falling
2.5
V
Battery operation UVLO
hysteresis
200
mV
OTG output voltage protection
threshold
VOTG_OVP
VBATT =
3.7V,
OTG
is
enabled, force a voltage at
IN until switching is off
5.75
V
OTG output voltage protection
threshold hysteresis
175
mV
OTG output current limit [I
2C]
IOLIM
REG02[1:0] = 00,
VBATT = 3.7V
0.5
0.6
0.7
A
REG02[1:0] = 01,
VBATT = 3.7V
1.3
1.5
1.7
DP/DM USB Detection
DP voltage source
VDP SRC
0.5
0.6
0.7
V
Data connect detect current
source
IDP_SRC
7
13
μA
DM sink current
IDM SINK
50
100
150
μA
Leakage current input DP/DM
IDP LKG
-1
1
μA
IDM LKG
-1
1
μA
Data detect voltage
VDAT REF
0.25
0.4
V
Logic low
VLGC LOW
0.8
V
Session valid to connect time
for powered up peripheral
45
mins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com