Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 40 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 40 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 36Page - Monolithic Power Systems MP2624GL Datasheet HTML 37Page - Monolithic Power Systems MP2624GL Datasheet HTML 38Page - Monolithic Power Systems MP2624GL Datasheet HTML 39Page - Monolithic Power Systems MP2624GL Datasheet HTML 40Page - Monolithic Power Systems MP2624GL Datasheet HTML 41Page - Monolithic Power Systems MP2624GL Datasheet HTML 42Page - Monolithic Power Systems MP2624GL Datasheet HTML 43Page - Monolithic Power Systems MP2624GL Datasheet HTML 44Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
40
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
CONTROL FLOW CHART (continued)
Charging Process
Charging Start
Charge Mode?
VBATT>VBATT_GD
ICHG<IBF ?
Charger “Off”,
Indicate battery full
vSYS = vBATT + ∆V
CV Charge
Battery FET On
vSYS=VBATT_FULL+ ICHG*RBATFET
CC Charge
vSYS=VSYS_MIN + ∆V
TC Charge
vSYS=VSYS_MIN + ∆V
vBATT< VRECH ?
VBATT_TC < VBATT < VBATT_GD
VBATT = VBATT_FULL
Yes
No
Yes
Yes
Wake Up
vSYS=VSYS_MIN + ∆V
VBATT>VBATT_SC ?
VBATT <VBATT_SC
VBATT < VBATT_TC
No
No
Yes
VBATT=VBATT_FULL?
CC Charge
Battery FET On
vSYS=vBATT + ICHG*RBATFET
No
VBATT_GD < VBATT < VBATT_FULL
Yes
∆V=50mV or 100mV
depending on I
2C Setting
VBATT>VBATT_TC ?
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com