Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 37Page - Monolithic Power Systems MP2624GL Datasheet HTML 38Page - Monolithic Power Systems MP2624GL Datasheet HTML 39Page - Monolithic Power Systems MP2624GL Datasheet HTML 40Page - Monolithic Power Systems MP2624GL Datasheet HTML 41Page - Monolithic Power Systems MP2624GL Datasheet HTML 42Page - Monolithic Power Systems MP2624GL Datasheet HTML 43Page - Monolithic Power Systems MP2624GL Datasheet HTML 44Page - Monolithic Power Systems MP2624GL Datasheet HTML 45Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
41
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Component Selection
Setting the Input Current Limit
The input current limit setting is set according to
the input power source. For an adapter input, the
input current limit can be set through I2C by the
GUI. To set a value that is not provided by the
I2C, the input current limit can be set through
ILIM. Connect a resistor from ILIM to AGND to
program the input current limit. The relationship
is calculated using Equation (3):
)
(
)
(
A
k
R
I
ILIM
IN_LMT
48
.
48
(3)
The MP2624 selects the lower one of the I2C and
resistor setting for its input current limit setting.
For resistor setting, use 1% accuracy resistor.
For a USB input, the input current limit is set
according to Table 2.
Selecting the Inductor
Inductor selection is a trade off between cost,
size, and efficiency. A lower inductance value
corresponds to a smaller size, but it results in a
higher
ripple
current,
a
higher
magnetic
hysteretic loss, and a higher output capacitance.
Choosing a higher inductance value gives the
benefit of a lower ripple current and smaller
output filter capacitors, but it may result in higher
inductor DC resistance (DCR) loss and larger
size.
From a practical standpoint, the inductor ripple
current should not exceed 30% of the maximum
load current under worst-case conditions. When
operating with a typical 5V input voltage, the
maximum inductor current ripple occurs at the
corner point between the trickle charge and the
CC charge (VBATT = 3V). Estimate the required
inductance with Equation (4) and Equation (5):
)
(
_
MHz
f
V
V
I
V
V
L
S
IN
BATT
MAX
L
BATT
IN
(
H)
(4)
)
2
ripple
%
1
(
I
I
)
MAX
(
LOAD
PEAK
(A)
(5)
Where, VIN, VBATT, and fS are the typical input
voltage, battery voltage, and switching frequency,
respectively.
∆IL_MAX is the maximum inductor
ripple current, which is usually 30% of the CC
charge current.
Although the maximum charge current can be set
to a high 4.5A, the real charge current cannot
reach this value as the input current limit. For
most applications, allow a large enough margin
to avoid hitting the peak current limit of the high-
side switch (7A, typically). The maximum inductor
current ripple is set to 1.0A with 5Vin (30% of the
max load- about 3.5A considering the input
current limit); the inductor is 0.75µH. Select
1.0µH in the application with the saturation
current over 4.5A Select 1.0µH in the application
with the saturation current over 4.5A
Choose a larger inductance such as 2.2uH is
good for the EMI consideration with smaller
current ripple, while the size may be larger.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR capacitors for the best performance.
Ceramic capacitors are preferred, but tantalum or
low ESR electrolytic capacitors will suffice.
Choose X5R or X7R dielectrics when using
ceramic capacitors.
Since the input capacitor (CIN) absorbs the input
switching current, it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated with Equation (6):






IN
OUT
OUT
CLOAD
IN
IN
VV
II
1
VV
(6)
Where, VOUT is VSYS.
The worst-case condition occurs at VIN = 2VOUT,
where ICIN = ILOAD/2. For simplification, choose the
input capacitor with a RMS current rating greater
than half of the maximum load current.
For the MP2624, the RMS current in the input
capacitor comes from PMID to GND, so a small,
high-quality ceramic capacitor (e.g., 4.7μF),
should be placed as close to the IC as possible
from VPMID to PGND. The remaining capacitor
should be placed from VIN to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com