Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 22Page - Monolithic Power Systems MP2624GL Datasheet HTML 23Page - Monolithic Power Systems MP2624GL Datasheet HTML 24Page - Monolithic Power Systems MP2624GL Datasheet HTML 25Page - Monolithic Power Systems MP2624GL Datasheet HTML 26Page - Monolithic Power Systems MP2624GL Datasheet HTML 27Page - Monolithic Power Systems MP2624GL Datasheet HTML 28Page - Monolithic Power Systems MP2624GL Datasheet HTML 29Page - Monolithic Power Systems MP2624GL Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
26
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
POR
I
2C W rite?
H ost M ode
Start w atchdog tim er
H ost Program s R egisters
D efault M ode
R eset w atchdog tim er
R eset R egister
Re se t RE G0 1
Bit [6] ?
W a tchd og Tim e r
Expire d?
Yes
No
Yes
No
V IN>V IN_UVLO
or
V BATT>V BATT_UVLO
S leep C om parator A c tiv e ,
B attery FE T driv er pow er up
Yes
No
Yes
No
Figure 12: Host Mode and Default Mode
Battery Shipping Mode
Write 1 to REG07 Bit[5] turns off the battery FET
immediately when in battery discharge mode.
Write 0 to REG07 Bit[5] turns on the battery FET
again.
In applications where the battery is not
removable, it’s essential to disconnect the battery
from the system to allow the system power reset.
The MP2624 has a dedicated DISC pin to cut off
the path from the battery to the system when the
host has lost control. Once the logic at DISC is
set to low for more than 8 seconds, the battery is
disconnected from the system by turning off the
battery FET as the battery shipping mode. When
the DISC is pulled to logic high and logic low ang
keeps the low period over 0.5s, the IC exit the
shipping mode and the BATT FET is turned on
again. This control is shown in Figure 13.
Figure 13: DISC Control Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com