Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2624GL Datasheet(PDF) 43 Page - Monolithic Power Systems

Part # MP2624GL
Description  I2C Controlled 4.5A Single Cell USB / Adaptor Charger with Narrow VDC Power Path Management USB OTG and Shipping Mode
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2624GL Datasheet(HTML) 43 Page - Monolithic Power Systems

Back Button MP2624GL Datasheet HTML 37Page - Monolithic Power Systems MP2624GL Datasheet HTML 38Page - Monolithic Power Systems MP2624GL Datasheet HTML 39Page - Monolithic Power Systems MP2624GL Datasheet HTML 40Page - Monolithic Power Systems MP2624GL Datasheet HTML 41Page - Monolithic Power Systems MP2624GL Datasheet HTML 42Page - Monolithic Power Systems MP2624GL Datasheet HTML 43Page - Monolithic Power Systems MP2624GL Datasheet HTML 44Page - Monolithic Power Systems MP2624GL Datasheet HTML 45Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
MP2624 – 4.5A SW CHARGER W/ I2C CONTROL, NVDC POWER PATH, USB OTG
MP2624 Rev.1.05
www.MonolithicPower.com
43
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical to meet specified
noise
rejection
requirements
and
improve
efficiency. For best results follow the guidelines
below:
1) Route the power stage adjacent to the
grounds. Aim to minimize the high-side switching
node (SW, inductor) trace lengths in the high-
current paths and the current sense resistor trace.
2) Keep the switching node short and away from
all small control signals, especially the feedback
network.
3) Place the input capacitor as close as possible
to PMID and PGND.
4) Place the output inductor close to the IC and
connect the output capacitor between the
inductor and PGND of the IC.
5) For high-current applications, the pins for the
power pads (IN, SW, SYS, BATT, and PGND)
should be connected to as much copper on the
board as possible. This improves thermal
performance because the board conducts heat
away from the IC.
6) Connect the PCB ground plane directly to the
return of all components via holes. Also, it is
recommended to place it, via holes, inside the
PGND pads for the IC, if possible. Typically, a
star ground design approach is used to keep
circuit block currents isolated (high-power/low-
power small signals), which reduces noise
coupling and ground-bounce issues. A single
ground plane for this design gives good results.
With this small layout and a single ground plane,
there is no ground-bounce issue; segregating the
components minimizes coupling between the
signals and stability requirements.
4) Pull the connection wire from the MCU (I2C)
far away from the SW mode and cooper regions.
SCL and SDA should be closely in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com