Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6021 Datasheet HTML 1Page - Renesas Technology Corp HIP6021 Datasheet HTML 2Page - Renesas Technology Corp HIP6021 Datasheet HTML 3Page - Renesas Technology Corp HIP6021 Datasheet HTML 4Page - Renesas Technology Corp HIP6021 Datasheet HTML 5Page - Renesas Technology Corp HIP6021 Datasheet HTML 6Page - Renesas Technology Corp HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 4 of 15
March 8, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15V
PGOOD, RT/FAULT, DRIVE, PHASE,
and GATE Voltage . . . . . . . . . . . . . . . GND - 0.3V to VCC + 0.3V
Input, Output or I/O Voltage. . . . . . . . . . . . . . . . . . GND -0.3V to 7V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +12V 10%
Ambient Temperature Range. . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Junction Temperature Range . . . . . . . . . . . . . . . . . . 0oC to 125oC
Thermal Resistance (Typical, Note 1)
JA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply Current
ICC
UGATE, LGATE, DRIVE2, DRIVE3, and
DRIVE4 Open
-9
-
mA
POWER-ON RESET
Rising VCC Threshold
VOCSET = 4.5V
-
-
10.4
V
Falling VCC Threshold
VOCSET = 4.5V
8.2
-
-
V
Rising VAUX Threshold
VOCSET = 4.5V
-
2.5
-
V
VAUX Threshold Hysteresis
VOCSET = 4.5V
-
0.5
-
V
Rising VOCSET Threshold
-1.26-
V
OSCILLATOR
Free Running Frequency
FOSC
RT = OPEN
185
200
215
kHz
Total Variation
6k
 < RT to GND < 200k
-15
-
+15
%
Ramp Amplitude
VOSC
RT = Open
-
1.9
-
VP-P
DAC AND BANDGAP REFERENCE
DAC(VID0-VID4) Input Low Voltage
--
0.8V
DAC(VID0-VID4) Input High Voltage
2.0
-
-
V
DACOUT Voltage Accuracy
-1.0
-
+1.0
%
Bandgap Reference Voltage
VBG
-
1.265
-
V
Bandgap Reference Tolerance
-2.5
-
+2.5
%
LINEAR REGULATORS (OUT2, OUT3, AND OUT4)
Regulation (All Linears)
-3
-
%
VSEN2 Regulation Voltage
VREG2
SELECT < 0.8V
-
1.5
-
V
VSEN2 Regulation Voltage
VREG2
SELECT > 2.0V
-
3.3
-
V
VSEN3 Regulation Voltage
VREG3
-1.5
-
V
VSEN4 Regulation Voltage
VREG4
-1.8
-
V
Under-Voltage Level (VSEN/VREG)
VSENUV
VSEN Rising
-
75
-
%
Under-Voltage Hysteresis (VSEN/VREG)
VSEN Falling
-
7
-
%
Output Drive Current (All Linears)
VAUX-VDRIVE > 0.6V
20
40
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com