Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP6021 Datasheet HTML 1Page - Renesas Technology Corp HIP6021 Datasheet HTML 2Page - Renesas Technology Corp HIP6021 Datasheet HTML 3Page - Renesas Technology Corp HIP6021 Datasheet HTML 4Page - Renesas Technology Corp HIP6021 Datasheet HTML 5Page - Renesas Technology Corp HIP6021 Datasheet HTML 6Page - Renesas Technology Corp HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 5 of 15
March 8, 2005
SYNCHRONOUS PWM CONTROLLER ERROR AMPLIFIER
DC Gain
-88
-
dB
Gain-Bandwidth Product
GBWP
-
15
-
MHz
Slew Rate
SR
COMP = 10pF
-
6
-
V/
s
PWM CONTROLLER GATE DRIVER
UGATE Source
IUGATE
VCC = 12V, VUGATE = 6V
-
1
-
A
UGATE Sink
RUGATE
VGATE-PHASE = 1V
-
1.7
3.5
LGATE Source
ILGATE
VCC = 12V, VLGATE = 1V
-
1
-
A
LGATE Sink
RLGATE
VLGATE = 1V
-
1.4
3.0
PROTECTION
VSEN1 Over-Voltage (VSEN1/DACOUT)
VSEN1 Rising
-
115
120
%
FAULT Sourcing Current
IOVP
VFAULT/RT = 2.0V
-
8.5
-
mA
OCSET1 Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
A
Soft-Start Current
ISS
-28
-
A
POWER GOOD
VSEN1 Upper Threshold
(VSEN1/DACOUT)
VSEN1 Rising
108
-
110
%
VSEN1 Under-Voltage
(VSEN1/DACOUT)
VSEN1 Rising
92
-
94
%
VSEN1 Hysteresis (VSEN1/DACOUT)
Upper/Lower Threshold
-
2
-
%
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
-
-
0.8
V
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. RT RESISTANCE vs FREQUENCY
FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN TO VSS
100
200
300
400
500
600
700
800
900
1000
SWITCHING FREQUENCY (kHz)
100
80
60
40
20
0
C = 660pF
C = 1500pF
C = 3600pF
C = 4800pF
CUGATE1 = CUGATE2 = CLGATE1 = C
VIN = 5V
VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com