Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp HIP6021 Datasheet HTML 10Page - Renesas Technology Corp HIP6021 Datasheet HTML 11Page - Renesas Technology Corp HIP6021 Datasheet HTML 12Page - Renesas Technology Corp HIP6021 Datasheet HTML 13Page - Renesas Technology Corp HIP6021 Datasheet HTML 14Page - Renesas Technology Corp HIP6021 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 13 of 15
March 8, 2005
PWM Output Capacitors
Modern microprocessors produce transient load rates above
1A/ns. High frequency capacitors initially supply the transient
current and slow the load rate-of-change seen by the bulk
capacitors. The bulk filter capacitor values are generally
determined by the ESR (effective series resistance) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Use only specialized low-ESR capacitors intended for
switching-regulator applications for the bulk capacitors. The
bulk capacitor’s ESR determines the output ripple voltage and
the initial voltage drop following a high slew-rate transient’s
edge. An aluminum electrolytic capacitor’s ESR value is
related to the case size with lower ESR available in larger case
sizes. However, the equivalent series inductance (ESL) of
these capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient loading.
Unfortunately, ESL is not a specified parameter. Work with
your capacitor supplier and measure the capacitor’s
impedance with frequency to select a suitable component. In
most cases, multiple electrolytic capacitors of small case size
perform better than a single large case capacitor.
Linear Output Capacitors
The output capacitors for the linear regulators provide dynamic
load current. The linear controllers use dominant pole
compensation integrated into the error amplifier and are
insensitive to output capacitor selection. Output capacitors
should be selected for transient load regulation.
PWM Output Inductor Selection
The PWM converter requires an output inductor. The output
inductor is selected to meet the output voltage ripple
requirements and sets the converter’s response time to a load
transient. The inductor value determines the converter’s ripple
current and the ripple voltage is a function of the ripple current.
The ripple voltage and current are approximated by the
following equations:
Increasing the value of inductance reduces the ripple current
and voltage. However, the large inductance values increase
the converter’s response time to a load transient.
One of the parameters limiting the converter’s response to a
load transient is the time required to change the inductor
current. Given a sufficiently fast control loop design, the
HIP6021 will provide either 0% or 100% duty cycle in response
to a load transient. The response time is the time interval
required to slew the inductor current from an initial current
value to the post-transient current level. During this interval the
difference between the inductor current and the transient
current level must be supplied by the output capacitor(s).
Minimizing the response time can minimize the output
capacitance required.
The response time to a transient is different for the application
of load and the removal of load. The following equations give
the approximate response time interval for application and
removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. Be sure to check both of
these equations at the minimum and maximum output levels
for the worst case response time.
Input Capacitor Selection
The important parameters for the bulk input capacitors are the
voltage rating and the RMS current rating. For reliable
operation, select bulk input capacitors with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25 times greater than the maximum input
voltage and a voltage rating of 1.5 times is a conservative
guideline. The RMS current rating requirement for the input
capacitor of a buck regulator is approximately 1/2 of the
summation of the DC load current.
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use ceramic capacitance for
the high frequency decoupling and bulk capacitors to supply
the RMS current. Small ceramic capacitors can be placed very
close to the upper MOSFET to suppress the voltage induced in
the parasitic circuit impedances.
For a through-hole design, several electrolytic capacitors
(Panasonic HFQ series or Nichicon PL series or Sanyo MV-GX
or equivalent) may be needed. For surface mount designs,
solid tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current rating.
These capacitors must be capable of handling the surge-
current at power-up. The TPS series available from AVX, and
the 593D series from Sprague are both surge current tested.
MOSFET Selection/Considerations
The HIP6021 requires 5 external transistors. Two N-channel
MOSFETs are used in the synchronous-rectified buck topology
of PWM1 converter. It is recommended that the AGP linear
regulator pass element be a N-channel MOSFET as well. The
GTL and memory linear controllers can also each drive a
MOSFET or a NPN bipolar as a pass transistor. All these
transistors should be selected based upon rDS(ON) , current
gain, saturation voltages, gate supply requirements, and
thermal management considerations.
I
VIN VOUT
–
FS L
--------------------------------
VOUT
VIN
----------------
=
VOUT
I
ESR
=
tRISE
LO ITRAN
VIN VOUT
–
--------------------------------
=
tFALL
LO ITRAN
VOUT
-------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com