Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP6021 Datasheet HTML 4Page - Renesas Technology Corp HIP6021 Datasheet HTML 5Page - Renesas Technology Corp HIP6021 Datasheet HTML 6Page - Renesas Technology Corp HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp HIP6021 Datasheet HTML 10Page - Renesas Technology Corp HIP6021 Datasheet HTML 11Page - Renesas Technology Corp HIP6021 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 8 of 15
March 8, 2005
Fault Protection
All four outputs are monitored and protected against extreme
overload. A sustained overload on any output or an over-
voltage on VOUT1 output (VSEN1) disables all outputs and
drives the FAULT/RT pin to VCC.
Figure 4 shows a simplified schematic of the fault logic. An
over-voltage detected on VSEN1 immediately sets the fault
latch. A sequence of three over-current fault signals also sets
the fault latch. The over-current latch is set dependent upon
the states of the over-current (OC), linear under-voltage (LUV)
and the soft-start signals. A window comparator monitors the
SS pin and indicates when CSS is fully charged to 4V (UP
signal). An under-voltage on either linear output (VSEN2,
VSEN3, or VSEN4) is ignored until after the soft-start interval
(T4 in Figure 3). This allows VOUT2, VOUT3, and VOUT4 to
increase without fault at start-up. Cycling the bias input voltage
(+12VIN on the VCC pin off then on) resets the counter and the
fault latch.
Over-Voltage Protection
During operation, a short on the upper MOSFET of the PWM
regulator (Q1) causes VOUT1 to increase. When the output
exceeds the over-voltage threshold of 115% of DACOUT, the
over-voltage comparator trips to set the fault latch and turns
Q2 on. This blows the input fuse and reduces VOUT1. The fault
latch raises the FAULT/RT pin to VCC.
A separate over-voltage circuit provides protection during the
initial application of power. For voltages on the VCC pin below
the power-on reset (and above ~4V), the output level is
monitored for voltages above 1.3V. Should VSEN1 exceed this
level, the lower MOSFET, Q2 is driven on.
Over-Current Protection
All outputs are protected against excessive over-currents. The
PWM controller uses the upper MOSFET’s on-resistance,
rDS(ON) to monitor the current for protection against shorted
output. All linear controllers monitor their respective VSEN pins
for under-voltage events to protect against excessive currents.
Figure 5 illustrates the over-current protection with an overload
on OUT1. The overload is applied at T0 and the current
increases through the inductor (LOUT1). At time T1, the OVER-
CURRENT comparator trips when the voltage across Q1
(iD •rDS(ON)) exceeds the level programmed by ROCSET.
This inhibits all outputs, discharges the soft-start capacitor
(CSS) with a 10mA current sink, and increments the counter.
CSS recharges at T2 and initiates a soft-start cycle with the
error amplifiers clamped by soft-start. With OUT1 still
overloaded, the inductor current increases to trip the over-
current comparator. Again, this inhibits all outputs, but the soft-
start voltage continues increasing to 4V before discharging.
The counter increments to 2. The soft-start cycle repeats at T3
and trips the over-current comparator. The SS pin voltage
increases to 4V at T4 and the counter increments to 3. This
sets the fault latch to disable the converter. The fault is
reported on the FAULT/RT pin.
The linear controllers operate in the same way as the PWM in
response to over-current faults. The differentiating factor for
the linear controllers is that they monitor the VSEN pins for
under-voltage events. Should excessive currents cause the
voltage at the VSEN pins to fall below the linear under-
voltage threshold, the LUV signal sets the over-current latch if
CSS is fully charged. Blanking the LUV signal during the CSS
charge interval allows the linear outputs to build above the
under-voltage threshold during normal operation. Cycling the
bias input power off then on resets the counter and the fault
latch.
A resistor (ROCSET) programs the over-current trip level for
the PWM converter. As shown in Figure 6, the internal 200
A
current sink, IOCSET develops a voltage across ROCSET
FIGURE 3. SOFT-START INTERVAL
0V
0V
0V
TIME
PGOOD
SOFT-START
(1V/DIV)
OUTPUT
(0.5V/DIV)
VOLTAGES
VOUT1 (DAC = 2.5V)
VOUT2 ( = 3.3V)
VOUT4 ( = 1.8V)
VOUT3 ( = 1.5V)
T1
T2
T3
T0
T4
FAULT
LATCH
S
R
Q
POR
COUNTER
OC1
OV
LUV
+
-
+
-
0.15V
4V
SS
VCC
FAULT
R
FIGURE 4. FAULT LOGIC - SIMPLIFIED SCHEMATIC
UP
OVER-
CURRENT
LATCH
INHIBIT
S
R
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com