Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP6021 Datasheet HTML 3Page - Renesas Technology Corp HIP6021 Datasheet HTML 4Page - Renesas Technology Corp HIP6021 Datasheet HTML 5Page - Renesas Technology Corp HIP6021 Datasheet HTML 6Page - Renesas Technology Corp HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp HIP6021 Datasheet HTML 10Page - Renesas Technology Corp HIP6021 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 7 of 15
March 8, 2005
error amplifier. Similarly, the COMP pin is the error amplifier
output. These pins are used to compensate the voltage-mode
control feedback loop of the synchronous PWM converter.
VSEN1 (Pin 22)
This pin is connected to the PWM converter’s output voltage.
The PGOOD and OVP comparator circuits use this signal to
report output voltage status and for over- voltage protection.
DRIVE2 (Pin 1)
Connect this pin to the gate of an external MOSFET. This pin
provides the drive for the AGP regulator’s pass transistor.
VSEN2 (Pin 10)
Connect this pin to the output of the AGP linear regulator. The
voltage at this pin is regulated to the level predetermined by
the logic-level status of the SELECT pin. This pin is also
monitored for under-voltage events.
SELECT (Pin 11)
This pin determines the output voltage of the AGP bus linear
regulator. A low TTL input sets the output voltage to 1.5V,
while a high input sets the output voltage to 3.3V.
DRIVE3 (Pin 18)
Connect this pin to the gate of an external MOSFET. This pin
provides the drive for the 1.5V regulator’s pass transistor.
VSEN3 (Pin 19)
Connect this pin to the output of the 1.5V linear regulator. This
pin is monitored for under-voltage events.
DRIVE4 (Pin 15)
Connect this pin to the gate of an external MOSFET. This pin
provides the drive for the 1.8V regulator’s pass transistor.
VSEN4 (Pin 14)
Connect this pin to the output of the linear 1.8V regulator. This
pin is monitored for undervoltage events.
Description
Operation
The HIP6021 monitors and precisely controls 4 output
voltage levels (Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic). It is designed
for microprocessor computer applications with 3.3V, 5V, and
12V bias input from an ATX power supply. The IC has a
synchronous PWM controller and three linear controllers. The
PWM controller (PWM) is designed to regulate the
microprocessor core voltage (VOUT1). PWM controller drives
2 MOSFETs (Q1 and Q2) in a synchronous-rectified buck
converter configuration and regulates the microprocessor
core voltage to a level programmed by the 5-bit digital-to-
analog converter (DAC). One of the linear controllers is
designed to regulate the advanced graphics port (AGP) bus
voltage (VOUT2) to a digitally-programmable level of 1.5V or
3.3V. Selection of either output voltage is achieved by
applying the proper logic level at the SELECT pin. The
remaining two linear controllers supply the 1.5V GTL bus
power (VOUT3) and the 1.8V memory power (VOUT4). All
linear controllers are designed to employ an external pass
transistor.
Initialization
The HIP6021 automatically initializes upon receipt of input
power. Special sequencing of the input supplies is not
necessary. The Power-On Reset (POR) function continually
monitors the input supply voltages. The POR monitors the bias
voltage (+12VIN) at the VCC pin, the 5V input voltage (+5VIN)
on the OCSET pin, and the 3.3V input voltage (+3.3VIN) at the
VAUX pin. The normal level on OCSET is equal to +5VIN less
a fixed voltage drop (see over-current protection). The POR
function initiates soft-start operation after all supply voltages
exceed their POR thresholds.
Soft-Start
The POR function initiates the soft-start sequence. Initially, the
voltage on the SS pin rapidly increases to approximately 1V
(this minimizes the soft-start interval). Then an internal 28
A
current source charges an external capacitor (CSS) on the SS
pin to 4.5V. The PWM error amplifier reference input (+
terminal) and output (COMP pin) are clamped to a level
proportional to the SS pin voltage. As the SS pin voltage slews
from 1V to 4V, the output clamp allows generation of PHASE
pulses of increasing width that charge the output capacitor(s).
After the output voltage increases to approximately 70% of the
set value, the reference input clamp slows the output voltage
rate-of-rise and provides a smooth transition to the final set
voltage. Additionally, all linear regulators’ reference inputs are
clamped to a voltage proportional to the SS pin voltage. This
method provides a rapid and controlled output voltage rise.
Figure 3 shows the soft-start sequence for the typical
application. At T0 the SS voltage rapidly increases to
approximately 1V. At T1, the SS pin and error amplifier output
voltage reach the valley of the oscillator’s triangle wave. The
oscillator’s triangular wave form is compared to the clamped
error amplifier output voltage. As the SS pin voltage
increases, the pulse-width on the PHASE pin increases. The
interval of increasing pulse-width continues until each output
reaches sufficient voltage to transfer control to the input
reference clamp. If we consider the 2.5V core output (VOUT1)
in Figure 3, this time occurs at T2. During the interval
between T2 and T3, the error amplifier reference ramps to the
final value and the converter regulates the output a voltage
proportional to the SS pin voltage. At T3 the input clamp
voltage exceeds the reference voltage and the output voltage
is in regulation.
The remaining outputs are also programmed to follow the SS
pin voltage. The PGOOD signal toggles ‘high’ when all output
voltage levels have exceeded their under-voltage levels. See
the Soft-Start Interval section under Applications Guidelines
for a procedure to determine the soft-start interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com