Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HIP6021 Datasheet HTML 5Page - Renesas Technology Corp HIP6021 Datasheet HTML 6Page - Renesas Technology Corp HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp HIP6021 Datasheet HTML 10Page - Renesas Technology Corp HIP6021 Datasheet HTML 11Page - Renesas Technology Corp HIP6021 Datasheet HTML 12Page - Renesas Technology Corp HIP6021 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 9 of 15
March 8, 2005
(VSET) that is referenced to VIN. The DRIVE signal enables
the over-current comparator (OVER-CURRENT). When the
voltage across the upper MOSFET (VDS) exceeds VSET, the
over-current comparator trips to set the over-current latch.
Both VSET and VDS are referenced to VIN and a small
capacitor across ROCSET helps VOCSET track the variations
of VIN due to MOSFET switching. The over-current function
will trip at a peak inductor current (IPEAK) determined by:
The OC trip point varies with MOSFET’s rDS(ON) temperature
variations. To avoid over-current tripping in the normal
operating load range, determine the ROCSET resistor from
the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine IPEAK for IPEAK > IOUT(MAX) + (I)/2, where I
is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
OUT1 Voltage Program
The output voltage of the PWM converter is programmed to
discrete levels between 1.3VDC and 3.5VDC. This output
(OUT1) is designed to supply the core voltage of Intel’s
advanced microprocessors. The voltage identification (VID)
pins program an internal voltage reference (DACOUT) with a
TTL-compatible 5-bit digital-to-analog converter. The level of
DACOUT also sets the PGOOD and OVP thresholds. Table 1
specifies the DACOUT voltage for the different combinations of
connections on the VID pins. The VID pins can be left open for
a logic 1 input, because they are internally pulled up to an
internal voltage of about 5V by a 10
A current source.
Changing the VID inputs during operation is not recommended
and could toggle the PGOOD signal and exercise the over-
voltage protection. ‘11111’ VID pin combination disables the IC
and opens the PGOOD pin.
0A
0V
2V
4V
FIGURE 5. OVER-CURRENT OPERATION
TIME
T1
T2
T3
T0
T4
0V
10V
OVERLOAD
APPLIED
FAULT
REPORTED
COUNT
= 1
COUNT
= 2
COUNT
= 3
IPEAK =
IOCSET ROCSET
rDS ON

----------------------------------------------------
UGATE
OCSET
PHASE
OVER-
CURRENT
+
-
GATE
CONTROL
VCC
OC
200
A
VDS
iD
VSET
ROCSET
VIN = +5V
OVER-CURRENT TRIP:
IOCSET
+
+
FIGURE 6. OVER-CURRENT DETECTION
PWM
DRIVE
iD rDS ON

IOCSET ROCSET
>
VDS VSET
>
VPHASE VIN VDS
–
=
VOCSET VIN VSET
–
=
TABLE 1. OUT1 VOLTAGE PROGRAM
PIN NAME
NOMINAL
DACOUT
VOLTAGE
VID4
VID3
VID2
VID1
VID0
01111
1.30
01110
1.35
01101
1.40
01100
1.45
01011
1.50
01010
1.55
01001
1.60
01000
1.65
00111
1.70
00110
1.75
00101
1.80
00100
1.85
00011
1.90
00010
1.95
00001
2.00
00000
2.05
11111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com