Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP6021 Datasheet HTML 2Page - Renesas Technology Corp HIP6021 Datasheet HTML 3Page - Renesas Technology Corp HIP6021 Datasheet HTML 4Page - Renesas Technology Corp HIP6021 Datasheet HTML 5Page - Renesas Technology Corp HIP6021 Datasheet HTML 6Page - Renesas Technology Corp HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp HIP6021 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 6 of 15
March 8, 2005
Functional Pin Descriptions
VCC (Pin 28)
Provide a 12V bias supply for the IC to this pin. This pin also
provides the gate bias charge for all the MOSFETs controlled
by the IC. The voltage at this pin is monitored for Power-On
Reset (POR) purposes.
GND (Pin 17)
Signal ground for the IC. All voltage levels are measured with
respect to this pin.
PGND (Pin 24)
This is the power ground connection. Tie the synchronous
PWM converter’s lower MOSFET source to this pin.
VAUX (Pin 16)
This pin provides boost current for the linear regulators’
output drives in the event bipolar NPN transistors (instead of
N-channel MOSFETs) are employed as pass elements. The
voltage at this pin is monitored for power-on reset (POR)
purposes.
SS (Pin 12)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 28
A current source, sets the soft-start
interval of the converter.
FAULT / RT (Pin 13)
This pin provides oscillator switching frequency adjustment. By
placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a resistor from this pin to VCC reduces
the switching frequency according to the following equation:
Nominally, the voltage at this pin is 1.26V. In the event of an
over-voltage or over-current condition, this pin is internally
pulled to VCC.
PGOOD (Pin 8)
PGOOD is an open collector output used to indicate the status
of the output voltages. This pin is pulled low when the
synchronous regulator output is not within
10%of the
DACOUT reference voltage or when any of the other outputs
are below their under-voltage thresholds.
The PGOOD output is open for ‘11111’ VID code.
SD (Pin 9)
This pin shuts down all the outputs. A TTL-compatible, logic
level high signal applied at this pin immediately discharges the
soft-start capacitor, disabling all the outputs. Dedicated internal
circuitry insures the core output voltage does not go negative
during this process. When re-enabled, the IC undergoes a new
soft-start cycle. Left open, this pin is pulled low by an internal
pull-down resistor, enabling operation.
FIX (Pin 2)
Grounding this pin bypasses the internal resistor dividers that
set the output voltage of the 1.5V and 1.8V linear regulators.
This way, the output voltage of the two regulators can be
adjusted from 1.26V up to the input voltage (+3.3V or +5V) by
way of an external resistor divider connected at the
corresponding VSEN pin. The new output voltage set by the
external resistor divider can be determined using the following
formula:
where ROUT is the resistor connected from VSEN to the output
of the regulator, and RGND is the resistor connected from
VSEN to ground. Left open, the FIX pin is pulled high, enabling
fixed output voltage operation.
VID0, VID1, VID2, VID3, VID4 (Pins 7, 6, 5, 4 and 3)
VID0-4 are the TTL-compatible input pins to the 5-bit DAC. The
logic states of these five pins program the internal voltage
reference (DACOUT). The level of DACOUT sets the
microprocessor core converter output voltage, as well as the
coresponding PGOOD and OVP thresholds.
OCSET (Pin 23)
Connect a resistor from this pin to the drain of the respective
upper MOSFET. This resistor, an internal 200
A current
source, and the upper MOSFET’s on-resistance set the
converter over-current trip point. An over-current trip cycles the
soft-start function.
The voltage at this pin is monitored for power-on reset (POR)
purposes and pulling this pin low with an open drain device will
shutdown the IC.
PHASE (Pin 26)
Connect the PHASE pin to the PWM converter’s upper
MOSFET source. This pin represents the gate drive return
current path and is used to monitor the voltage drop across the
upper MOSFET for over-current protection.
UGATE (Pin 27)
Connect UGATE pin to the PWM converter’s upper MOSFET
gate. This pin provides the gate drive for the upper MOSFET.
LGATE (Pin 25)
Connect LGATE to the PWM converter’s lower MOSFET gate.
This pin provides the gate drive for the lower MOSFET.
COMP and FB (Pin 20, and 21)
COMP and FB are the available external pins of the PWM
converter error amplifier. The FB pin is the inverting input of the
Fs 200KHz
510
6
RT k

---------------------
+
(RT to GND)
Fs 200KHz
410
7
RT k

---------------------
–
(RT to 12V)
VOUT
1.265V
1
ROUT
RGND
-----------------
+



=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com