Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6021 Datasheet HTML 1Page - Renesas Technology Corp HIP6021 Datasheet HTML 2Page - Renesas Technology Corp HIP6021 Datasheet HTML 3Page - Renesas Technology Corp HIP6021 Datasheet HTML 4Page - Renesas Technology Corp HIP6021 Datasheet HTML 5Page - Renesas Technology Corp HIP6021 Datasheet HTML 6Page - Renesas Technology Corp HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN4684 Rev 1.00
Page 1 of 15
March 8, 2005
FN4684
Rev 1.00
March 8, 2005
HIP6021
Advanced PWM and Triple Linear Power Controller
DATASHEET
The HIP6021 provides the power control and protection for
four output voltages in high-performance, graphics intensive
microprocessor and computer applications. The IC integrates
a voltage-mode PWM controller and three linear controllers,
as well as the monitoring and protection functions into a 28-
pin SOIC package. The PWM controller regulates the
microprocessor core voltage with a synchronous-rectified
buck converter. The linear controllers regulate the computer
system’s AGP 1.5V or 3.3V bus power, the 1.5V GTL bus
power, and the 1.8V power for the North/South Bridge core
voltage and/or cache memory circuits. The HIP6021 includes
an Intel-compatible, TTL 5-input digital-to-analog converter
(DAC) that adjusts the core PWM output voltage from 1.3VDC
to 2.05VDC in 0.05V steps and from 2.1VDC to 3.5VDC in
0.1V increments. The precision reference and voltage-mode
control provide
1% static regulation. The AGP bus power
linear controller’s output (VOUT2) is user-selectable, through a
TTL-compatible signal applied at the SELECT pin, for levels
of 1.5V or 3.3V with
3% accuracy. Based on the status of the
FIX pin, the other two linear regulators provide either fixed
output voltages of 1.5V
3% (VOUT3) and 1.8V3% (VOUT4),
or user-adjustable by means of an external resistor divider. All
linear controllers can employ either N-channel MOSFETs or
bipolar NPNs for the pass transistor.
The HIP6021 monitors all the output voltages. A single Power
Good signal is issued when the core is within
10% of the
DAC setting and all other outputs are above their under-
voltage levels. Additional built-in over-voltage protection for
the core output uses the lower MOSFET to prevent output
voltages above 115% of the DAC setting. The PWM
controller’s over-current function monitors the output current
by using the voltage drop across the upper MOSFET’s
rDS(ON).
Applications
• Motherboard Power Regulation for Computers
Features
• Provides 4 Regulated Voltages
- Microprocessor Core, AGP Bus, Memory, and GTL Bus
Power
• Drives N-Channel MOSFETs
• Linear Regulator Drives Compatible with both MOSFET
and Bipolar Series Pass Transistors
• Fixed or Externally Resistor-Adjustable Linear Outputs
(FIX Pin)
• Simple Single-Loop Control Design
- Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
- High-Bandwidth Error Amplifier
- Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
- Core PWM Output:
1% Over Temperature
- Other Outputs:
3% Over Temperature
• TTL-Compatible 5-Bit DAC Microprocessor Core Output
Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Switching Regulator Does Not Require Extra Current
Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator; Programmable From
50kHz to Over 1MHz
- Small External Component Count
• Pb-Free Available (RoHS Compliant)
Pinout
HIP6021 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
HIP6021CB
0 to 70
28 Ld SOIC
M28.3
HIP6021CBZ (Note)
0 to 70
28 Ld SOIC (Pb-free) M28.3
HIP6021EVAL1
Evaluation Board
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which are
RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
DRIVE2
FIX
VID4
VID3
VSEN2
SELECT
SS
FAULT/RT
VSEN4
VCC
PGND
LGATE
PHASE
DRIVE3
COMP
GND
VAUX
DRIVE4
UGATE
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGOOD
VID2
SD
VSEN1
VSEN3
VID1
VID0
OCSET
FB
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HIP6021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
HIP6021A INTERSIL-HIP6021A Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6021ACB INTERSIL-HIP6021ACB Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
HIP6021ACB INTERSIL-HIP6021ACB Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
More results

Similar Description - HIP6021

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
Advanced PWM and Triple Linear Power Controller for Gateway Applications
October 2001
logo
Anpec Electronics Corop...
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com