Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp HIP6021 Datasheet HTML 10Page - Renesas Technology Corp HIP6021 Datasheet HTML 11Page - Renesas Technology Corp HIP6021 Datasheet HTML 12Page - Renesas Technology Corp HIP6021 Datasheet HTML 13Page - Renesas Technology Corp HIP6021 Datasheet HTML 14Page - Renesas Technology Corp HIP6021 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 12 of 15
March 8, 2005
Compensation Break Frequency Equations
Figure 10 shows an asymptotic plot of the DC-DC converter’s
gain vs. frequency. The actual Modulator Gain has a high gain
peak dependent on the quality factor (Q) of the output filter,
which is not shown in Figure 9. Using the above guidelines
should yield a Compensation Gain similar to the curve plotted.
The open loop error amplifier gain bounds the compensation
gain. Check the compensation gain at FP2 with the capabilities
of the error amplifier. The Closed Loop Gain is constructed on
the log-log graph of Figure 10 by adding the Modulator Gain (in
dB) to the Compensation Gain (in dB). This is equivalent to
multiplying the modulator transfer function to the compensation
transfer function and plotting the gain.
The compensation gain uses external impedance networks
ZFB and ZIN to provide a stable, high bandwidth (BW) overall
loop. A stable control loop has a gain crossing with
-20dB/decade slope and a phase margin greater than 45
degrees. Include worst case component variations when
determining phase margin.
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique
requirements. In general, the output capacitors should be
selected to meet the dynamic regulation requirements.
Additionally, the PWM converters require an output capacitor
to filter the current ripple. The load transient for the
microprocessor core requires high quality capacitors to supply
the high slew rate (di/dt) current demands.
FIGURE 8. PRINTED CIRCUIT BOARD POWER PLANES AND
ISLANDS
VOUT1
Q1
Q2
Q3
Q4
CSS
+12V
CVCC
VIA CONNECTION TO GROUND PLANE
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT1
COUT1
CR1
HIP6021
CIN
COUT2
VOUT2
VOUT3
+5VIN
SS
PGND
LGATE1
UGATE1
PHASE1
DRIVE3
KEY
GND
VCC
DRIVE2
OCSET1
ROCSET1
COCSET1
VOUT4
DRIVE4
+3.3VIN
LIN
Q5
COUT3
COUT4
+3.3VIN
FIGURE 9. VOLTAGE-MODE BUCK CONVERTER
COMPENSATION DESIGN
VOUT
OSC
REFERENCE
LO
CO
ESR
VIN
VOSC
ERROR
AMP
PWM
DRIVER
(PARASITIC)
ZFB
+
-
DACOUT
R1
R3
R2
C3
C2
C1
COMP
VOUT
FB
ZFB
HIP6021
ZIN
COMP
DRIVER
DETAILED COMPENSATION COMPONENTS
PHASE
VE/A
+
-
+
-
ZIN
FZ1
1
2
 R
 2C1
-----------------------------------
=
FZ2
1
2
R1 R3
+
 C3
-------------------------------------------------------
=
FP1
1
2
 R2
C1 C2
C1 C2
+
----------------------


-------------------------------------------------------
=
FP2
1
2
 R
 3C3
-----------------------------------
=
FIGURE 10. ASYMPTOTIC BODE PLOT OF CONVERTER GAIN
100
80
60
40
20
0
-20
-40
-60
FP1
FZ2
10M
1M
100K
10K
1K
100
10
OPEN LOOP
ERROR AMP GAIN
FZ1
FP2
FLC
FESR
COMPENSATION
FREQUENCY (Hz)
GAIN
MODULATOR
GAIN
CLOSED LOOP
GAIN
20
VIN
VPP
------------



log
20
R2
R1
--------


log



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com