Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6021 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP6021
Description  Advanced PWM and Triple Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6021 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP6021 Datasheet HTML 7Page - Renesas Technology Corp HIP6021 Datasheet HTML 8Page - Renesas Technology Corp HIP6021 Datasheet HTML 9Page - Renesas Technology Corp HIP6021 Datasheet HTML 10Page - Renesas Technology Corp HIP6021 Datasheet HTML 11Page - Renesas Technology Corp HIP6021 Datasheet HTML 12Page - Renesas Technology Corp HIP6021 Datasheet HTML 13Page - Renesas Technology Corp HIP6021 Datasheet HTML 14Page - Renesas Technology Corp HIP6021 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
HIP6021
FN4684 Rev 1.00
Page 11 of 15
March 8, 2005
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency, radiate noise into the circuit,
and lead to device over-voltage stress. Careful component
layout and printed circuit design minimizes the voltage spikes
in the converter. Consider, as an example, the turn-off
transition of the upper PWM MOSFET. Prior to turn-off, the
upper MOSFET was carrying the full load current. During the
turn-off, current stops flowing in the upper MOSFET and is
picked up by the lower MOSFET or Schottky diode. Any
inductance in the switched current path generates a large
voltage spike during the switching interval. Careful
component selection, tight layout of the critical components,
and short, wide circuit traces minimize the magnitude of
voltage spikes. See the Application Note ANTBD for
evaluation board drawings of the component placement and
printed circuit board.
There are two sets of critical components in a DC-DC
converter using a HIP6020 controller. The switching power
components are the most critical because they switch large
amounts of energy, and as such, they tend to generate equally
large amounts of noise. The critical small signal components
are those connected to sensitive nodes or those supplying
critical bypass current.
The power components and the controller IC should be placed
first. Locate the input capacitors, especially the high-frequency
ceramic decoupling capacitors, close to the power switches.
Locate the output inductor and output capacitors between the
MOSFETs and the load. Locate the PWM controller close to
the MOSFETs.
The critical small signal components include the bypass
capacitor for VCC and the soft-start capacitor, CSS. Locate
these components close to their connecting pins on the control
IC. Minimize any leakage current paths from SS node, since
the internal current source is only 28
A.
A multi-layer printed circuit board is recommended. Figure
8shows the connections of the critical components in the
converter. Note that the capacitors CIN and COUT each
represent numerous physical capacitors. Dedicate one solid
layer for a ground plane and make all critical component
ground connections with vias to this layer. Dedicate another
solid layer as a power plane and break this plane into smaller
islands of common voltage levels. The power plane should
support the input power and output power nodes. Use copper
filled polygons on the top and bottom circuit layers for the
PHASE nodes, but do not unnecessarily oversize these
particular islands. Since the PHASE nodes are subjected to
very high dV/dt voltages, the stray capacitor formed between
these islands and the surrounding circuitry will tend to couple
switching noise. Use the remaining printed circuit layers for
small signal wiring. The wiring traces from the control IC to
the MOSFET gate and source should be sized to carry 2A
peak currents.
PWM Controller Feedback Compensation
The PWM controller uses voltage-mode control for output
regulation. This section highlights the design consideration for
a PWM voltage-mode controller. Apply the methods and
considerations only to the PWM controller.
Figure 9 highlights the voltage-mode control loop for a
synchronous-rectified buck converter. The output voltage
(VOUT) is regulated to the Reference voltage level. The
reference voltage level is the DAC output voltage (DACOUT).
The error amplifier (Error Amp) output (VE/A) is compared with
the oscillator (OSC) triangular wave to provide a pulse-width
modulated (PWM) wave with an amplitude of VIN at the
PHASE node. The PWM wave is smoothed by the output filter
(LO and CO).
The modulator transfer function is the small-signal transfer
function of VOUT/VE/A. This function is dominated by a DC
Gain, given by VIN/VOSC, and shaped by the output filter, with
a double pole break frequency at FLC and a zero at FESR.
Modulator Break Frequency Equations
The compensation network consists of the error amplifier
(internal to the HIP6021) and the impedance networks ZIN and
ZFB. The goal of the compensation network is to provide a
closed loop transfer function with high 0dB crossing frequency
(f0dB) and adequate phase margin. Phase margin is the
difference between the closed loop phase at f0dB and 180
degrees. The equations below relate the compensation
network’s poles, zeros and gain to the components (R1, R2,
R3, C1, C2, and C3) in Figure 8. Use these guidelines for
locating the poles and zeros of the compensation network:
1. Pick Gain (R2/R1) for desired converter bandwidth
2. Place 1ST Zero Below Filter’s Double Pole (~75% FLC)
3. Place 2ND Zero at Filter’s Double Pole
4. Place 1ST Pole at the ESR Zero
5. Place 2ND Pole at Half the Switching Frequency
6. Check Gain against Error Amplifier’s Open-Loop Gain
7. Estimate Phase Margin - Repeat if Necessary
FLC
1
2
LO CO
----------------------------------------
=
FESR
1
2
 ESR CO
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com