Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AV2636 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AV2636
Product Datasheet
PIN CONFIGURATION
AV2636
14
1
13
2
12
3
11
4
10
5
9
6
8
7
SF
SD
SC
NC
VCM
AOUTR
GND
MCK
FMTD
FMTC
MODE
MUTE
AOUTL
VDD
PIN DESCRIPTION
Pin Name
Pin
Type
Description
SF
1
Digital Input
Sample rate frame clock input.
SD
2
Digital Input
Audio data input. It can be 16/18/20/24 bit in 2’s complement
format.
SC
3
Digital Input
Serial audio data bit clock input.
(NC)
4
-
No Connection
VCM
5
Analog Output
Common mode voltage output. Connect to 10uF cap in parallel with
0.1uF cap.
AOUTR
6
Analog Output
Right channel analog audio signal output.
GND
7
Supply
Ground supply. Need a solid ground plane.
VDD
8
Supply
Power supply. Need a clean power supply.
AOUTL
9
Analog Output
Left channel analog audio signal output.
MUTE
10
Digital Input
Mute control with internal pull down.
High = Mute on.
Low = Mute off.
MODE
11
Digital Input
Chip operation mode selection with internal pull down.
High = Programmable mode.
Low = Auto-detect mode.
FMTC
12
Digital Input
Dual functional pin. Its function is controlled by the MODE pin.
Internal pull up.
When MODE = High, FMTC = Serial clock in control interface.
When MODE = Low, FMTC = De-Emphasis: On (high) / Off (low).
FMTD
13
Digital I/O
Dual functional pin. Its function is controlled by the MODE pin.
Internal pull up. Needs an external 4.7kΩ to VDD.
When MODE = High, FMTD = Serial data in control interface.
When MODE = Low, FMTD = Data input format select:
High = 16-24 bit I2S or 16 bit DSP ‘early’
Low = 16 bit right justified or 16 bit DSP ‘late’
MCK
14
Digital Input
External master clock input. The clock frequency depends on the
audio sample rate.
AVS Technology, Inc.
2-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com