Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AV2636 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AV2636
Product Datasheet
ORDERING INFORMATION
PRODUCT
PACKAGE
TEMPERATURE RANGE
AV2636
14 pin SOIC
-25˚C — +85˚C
ELECTROSTATIC DISCHARGE SENSITIVITY
The device of integrated circuits is manufactured on CMOS process. It can be damaged by ESD. AVS
Technology recommends that the device be handled with appropriate ESD precautions. Improper
handling and installation procedures can cause damage to the device.
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are the limiting values of the stress. Operation beyond these limits may cause
permanent damage to the device. Normal operation is not guaranteed at these limits.
Symbol
Characteristics
Min
Max
Units
VDD
Power supply voltage (Measured to GND)
-0.3
+3.6
V
Vi
Digital input voltage range
GND – 0.3
VDD + 0.3
V
Ai
Digital input forced current
-100
+100
mA
TA
Ambient operating temperature range
-25
+125
˚C
Tstg
Storage temperature range
-65
+150
˚C
Tj
Junction temperature (Plastic package)
-65
+150
˚C
Tsol
Lead soldering temperature (10 sec., ¼” from pin)
+240
˚C
Tvsol
Vapor phase soldering (1 minute)
+220
˚C
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Typical
Max
Units
VDD
Power supply voltage
2.2
3.3
3.6
V
GND
Ground
0
V
MCK
Master clock frequency
75
MHz
TA
Ambient operating temperature range
-25
85
˚C
AVS Technology, Inc.
3-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com