Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 15Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AV2636
Product Datasheet
PACKAGE INFORMATION
14
8
1
7
B
e
E
H
D
A
A1
SEATING PLANE
C
α
h x 45˚
14 PIN SOIC 3.9 mm BODY WIDE
L
Dimensions (mm)
Dimensions (inches)
Symbols
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
8.55
8.75
0.3367
0.3444
E
3.80
4.00
0.1497
0.1574
e
1.27 BSC
0.05 BSC
H
5.8
6.2
0.2284
0.2440
h
0.25
0.5
0.0099
0.0196
L
0.40
1.27
0.0160
0.0500
α
0˚
8˚
0˚
8˚
Note:
The package meets JEDEC.95, MS-012. Refer it for further details.
IMPORTANT NOTICE:
AVS Technology, Inc. believes that the information contained in the document is accurate and reliable. However, the information is
provided “AS IS” without any kind of warranty. AVS reserves the right to change the product and the document without prior notice.
Customers are advised to obtain the latest version of the relevant information before placing order. No liability is assumed by AVS
for infringement of any patent, intellectual property, or other rights in the application that use this product and information contained
herein.
AVS Technology, Inc. assumes no liability for any kind of sequential damage due to the use of its product.
AVS Technology, Inc.
16-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com