Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 15Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AV2636
Product Datasheet
DIGITAL DE-EMPHASIS CHARACTERISTIC
The device has a build in digital de-emphasis filter that can be utilized or bypassed in either auto-detect
mode or programmable mode. The characteristic of the filter for 44.1kHz sample frequency is shown as
follows:
Gain (dB)
0 dB
-10 dB
Frequency
F1=3.18kHz
F2=10.61kHz
T1=50µs
T1=15µs
The filter response scales with sample frequency fs and is only applied to 1X sample speed mode.
AVS Technology, Inc.
14-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com