Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 15Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AV2636
Product Datasheet
DIGITAL FILTER CHARACTERISTICS
The digital interpolation filters have small passband ripples and large stopband attenuations. There are
three types of filters that are implemented for different sample mode (1X/2X/4X) and MCK relations. The
selection of the filters depends on the operation mode of the device, auto-detect mode or programmable
mode.
Programmable mode: filter selection is shown in the following table. 20kHz audio passband is assumed.
Sample Mode
Parameter
Condition
Min
Max
Unit
Passband Ripple
F < 0.45fs
±0.03
dB
Normal (1X)
Stopband Attenuation
F > 0.55fs
60
dB
Passband Ripple
F < 0.225fs
±0.03
dB
Double (2X)
Stopband Attenuation
F > 0.775fs
60
dB
Passband Ripple
F < 0.1125fs
±0.03
dB
Quad (4X)
Stopband Attenuation
F > 0.8875fs
53
dB
Auto-detect mode: filter type is automatically selected based on the detected sample mode and MCK
relations.
The following plots show the digital filter response and closer look of the passband ripple for normal
speed mode (1X), double speed mode (2X) and quad speed (4X).
AVS Technology, Inc.
12-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com