Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AV2636 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AV2636
Product Datasheet
ELECTRICAL CHARACTERISTICS
(Test conditions: VDD = 3.3V, GND = 0V, TA = +25˚C, fs = 48kHz, MCK = 256fs unless otherwise stated.
The measurement bandwidth is from 20Hz to 20kHz.)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
DC Electrical Characteristics
Supply current (VDD = 3.3V)
IDD
10
mA
Supply current (VDD = 2.5V)
IDD
7
mA
Digital I/O Levels (TTL Level)
Digital input high level
VIH
2.0
V
Digital input low level
VIL
0.8
V
Digital output high level (IOH = 2mA)
VOH
VDD–0.2
V
Digital output low level (IOL = 2mA)
VOL
GND+0.2
V
Analog Characteristics
Reference voltage
VCM
VDD/2
V
Full scale analog output level
AOUT
VDD/3.3
Vrms
Minimum resistive load
RL
10
kΩ
Maximum capacitive load
CL
100
pF
Output DC level
VDD/2
V
DAC Analog Output Performance (Test load RL = 10kΩ, CL = 10pF)
SNR
102
dB
THD+N (1kHz, 0dBFs input)
-90
dB
VDD = 3.3V
Dynamic Range (1kHz, -60dBFs input)
98
dB
SNR
100
dB
THD+N (1kHz, 0dBFs input)
-90
dB
VDD = 2.5V
Dynamic Range (1kHz, -60dBFs input)
96
dB
Channel separation (1kHz)
-95
dB
Interchannel gain mismatch
0.1
dB
Program gain range
-∞
+6
dB
Notes:
1. SNR is measured as the ratio of output level with 1kHz full scale signal, to output level with all zero
signal into the digital input. The measurement is over 20Hz to 20kHz bandwidth with a ‘A-weight’ filter.
2. THD is measured at the output with 1kHz full scale signal into the digital input. The measurement is
over 20Hz to 20kHz bandwidth.
3. Dynamic Range is the ratio of maximum output over minimum output. It is normally measured by
THD+N at the output with an input signal that is 60dB below full scale. The 60dB is then added back
to the THD+N value for the final result.
4. Channel separation is also known as channel cross talk. It is measured by sending a 1kHz full scale
signal into one channel and measuring the output value at the other channel.
5. All measurements are done with a 20kHz low pass filter. Fail to use the filter will result in reduced
performance reading.
6. The VCM pin should be decoupled with a 10uF capacitor in parallel with a 0.1uF capacitor. Smaller
value may result in reduced performance.
AVS Technology, Inc.
4-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com