Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AV2636 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Technology
AV2636
AVS
24-bit 192kHz Stereo Audio DAC
DESCRIPTION
The AV2636 is a high performance, low power
stereo audio digital to analog converter (DAC). It
is
designed
for
high
performance
audio
applications such as CD player, DVD player,
home theater systems, digital TVs and set top
boxes. Based on the state of the art multi-bit
∆−Σ modulator, it also includes the digital
interpolation filters, digital volume control, digital
de-emphasis and analog low pass filters. It has
no linearity drift due to time and temperature. It
also has high tolerance to clock jitter.
The device has a serial audio interface that
accepts 16/18/20/24 digital data in I
2S, Right-
justified or DSP mode. It can work at auto-detect
mode or programmable mode with a two-wire
serial command interface. Audio sample rates
from 8kHz to 192kHz are supported.
FEATURES
•
SNR: 102 dB
•
THD+N: -90 dB
•
Input Sample rate: 8kHz – 192kHz
•
Input data resolution: 16/18/20/24 bits
•
Digital De-Emphasis for 32k/44.1k/48kHz
•
Digital Volume Control
•
Mute Control
•
Single Power Supply 2.2V – 3.6V
•
Low Clock Jitter Sensitivity
•
Small 14-pin SOIC Package
APPLICATIONS
•
DVD/CD Player
•
Home Theatre Systems
•
Digital TV and Set-Top Boxes
•
Electronic Music Instrument
CHIP BLOCK DIAGRAM
SERIAL
AUDIO
INTERFACE
INTERPOLATION
DIGITAL
FILTERS
MULTI-LEVEL
∆−Σ
MODULATOR
DAC
DAC
LOW PASS
FILTER
LOW PASS
FILTER
CONTROL INTERFACE
FMTC
FMTD
MUTE
SC
SF
SD
AOUTL
AOUTR
MCK
VDD
VCM
GND
MODE
AVS Technology, Inc.
1-16
August 18, 2004
www.avstech.com


Similar Part No. - AV2636

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
AV262D-40 ATM-AV262D-40 Datasheet
88Kb / 1P
OUTLINE, AV262X-40 ATTENUATOR, SMA
AV262D-40F ATM-AV262D-40F Datasheet
88Kb / 1P
OUTLINE, AV262X-40 ATTENUATOR, TYPE-N
AV262D-40N ATM-AV262D-40N Datasheet
88Kb / 1P
OUTLINE, AV262X-40 ATTENUATOR, TYPE-N
AV262E-40 ATM-AV262E-40 Datasheet
88Kb / 1P
OUTLINE, AV262X-40 ATTENUATOR, SMA
AV262E-40F ATM-AV262E-40F Datasheet
88Kb / 1P
OUTLINE, AV262X-40 ATTENUATOR, TYPE-N
More results

Similar Description - AV2636

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762 Datasheet
148Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8726 WOLFSON-WM8726_12 Datasheet
154Kb / 23P
24-bit 192kHz Stereo DAC
WM8761 WOLFSON-WM8761_11 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_11 Datasheet
161Kb / 17P
24-bit 192kHz Stereo DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com