Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AV2636
Product Datasheet
SAIM[1:0]: Serial Audio Interface Mode Control
00: I
2S mode
01: DSP ‘early’ mode
10: right justified mode
11: DSP ‘late’ mode
Format[1:0]: Serial Audio Interface Data Resolution
00: 24-bit resolution (default)
01: 20-bit resolution
10: 18-bit resolution
11: 16-bit resolution
Master Clock and Sample Rate Setting Register (CREG3[7:0])
CREG3[7:0]
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Address
7’h03
Reserved
CKSET[3:0]
Default Value
0
0
0
0
0
0
0
0
CKSET[3:0]: The internal operation of AV2636 is affected by the relations between MCK
frequency and input audio sample rate. The correct setting of these 4-bit based on the relations
ensures the correct operation of the device. The following table shows the values of the 4-bit.
CKSET[3:0] For Various Clock and Sample Rate
Sample Rate (kHz)
MCK (MHz)
CKSET[3:0]
32/44.1/48
8.192/11.2896/12.288
256fs
0
0
0
0
1X Speed
32/44.1/48
12.288/16.934/18.432
384fs
1
0
0
0
88.2/96
11.2896/12.288
128fs
0
0
0
1
88.2/96
16.9344/18.432
192fs
1
0
0
1
88.2/96
22.5792/24.576
256fs
0
0
1
0
2X Speed
88.2/96
33.8688/36.864
384fs
1
0
1
0
192
12.288
64fs
0
0
1
1
192
18.432
96fs
1
0
1
1
192
24.576
128fs
0
1
0
0
192
36.864
192fs
1
1
0
0
192
49.152
256fs
0
1
0
1
4X Speed
192
73.728
384fs
1
1
0
1
AVS Technology, Inc.
11-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com