Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AV2636 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AV2636
Product Datasheet
OPERATING MODE
The AV2636 can operate at two modes. They are auto-detect mode and programmable mode. The
‘MODE’ pin status (High/Low) determines which mode the device will be operated. If MODE = Low (pull to
GND or not connected using internal pull down), the device will be operated at auto-detect mode. If
MODE = High (pull to VDD), the device will be operated at programmable mode. The basic functions of
the two modes are described as follows:
•
Auto-detect mode: The relation between sample rate and master clock frequency is auto detected.
De-emphasis and serial interface mode are determined by FMTC and FMTD pins.
•
Programmable mode: The device operation will be set by on chip control registers that can be
accessed through a two-wire command interface.
AUDIO DATA SAMPLE RATE AND MASTER CLOCK FREQUENCY
The AV2636 supports various audio data sample rate (fs) from 8kHz to 192kHz. The typical audio sample
rates are 32kHz, 44.1kH, 48kHz, 96kHz and 192kHz. The master clock (MCK) can be of 64fs to 384fs
depending on the operation mode. MCK is an input clock that operates the internal digital filters. Other on
chip clocks are also derived from MCK.
The on-chip master clock detection circuit automatically determines the relationship of master clock
frequency and audio sample rate. The counting error is set to be ±8 master clock cycles. If the error is
larger than the threshold, the DAC output will be shut down and auto muted.
The master clock has to be synchronized with the serial audio data frame signal ‘SF’. SF is also called left
and right data frame signal. The phase difference and clock jitters can be tolerated.
Master Clock Frequency MCK (MHz)
Sample
Rate (fs)
64fs
96fs
128fs
192fs
256fs
384fs
32 kHz
N/A
N/A
N/A
N/A
8.192
12.288
44.1 kHz
N/A
N/A
N/A
N/A
11.2896
16.9344
48 kHz
N/A
N/A
N/A
N/A
12.288
18.432
88.2 kHz
N/A
N/A
11.1896
16.9344
22.5792
33.8688
96 kHz
N/A
N/A
12.288
18.432
24.576
36.864
192 kHz
12.288
18.432
24.576
36.864
49.152*
73.728*
Note:
* Only available at programmable mode.
AVS Technology, Inc.
5-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com