Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV2636 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AV2636 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AV2636
Product Datasheet
1/fs
n-1 n-2
1
0
n-1 n-2
1
0
Right Channel
Left Channel
SF
SC
SD
1 SC
1 SC
MSB
LSB
MSB
LSB
RIGHT JUSTIFIED MODE
In right justified mode, the serial interface accepts input data at SD pin and frame input at SF pin.
The serial data is time multiplexed with the frame signal SF indicating left and right channel data.
SF is high during left channel data and low during right channel data. The SF is also a timing
signal for the end of each word of left and right channel.
The MSB is received first and LSB is aligned with the transition of frame signal SF. Data is
sampled at the rising edge of SC. Word lengths of 16/18/20/24 bits are supported.
1/fs
n-1 n-2
1
0
n-1 n-2
1
0
Right Channel
Left Channel
SF
SC
SD
MSB
LSB
MSB
LSB
DSP MODE
In DSP mode, the serial interface accepts input data at SD pin and frame input at SF pin. Audio
data SD is time multiplexed with left channel first followed by right channel data. Frame sync SF
appears every 1/fs time. Minimum SF pulse high is 1 SC cycle and maximum SF pulse high is 8
SC cycles. Both DSP ‘early’ mode and ‘late’ mode are supported.
The MSB is received first. Data is sampled at the rising edge of SC. Word lengths of 16/18/20/24
bits are supported.
AVS Technology, Inc.
7-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com