Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 33 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 33 Page - SPANSION

Back Button S29CD032G Datasheet HTML 29Page - SPANSION S29CD032G Datasheet HTML 30Page - SPANSION S29CD032G Datasheet HTML 31Page - SPANSION S29CD032G Datasheet HTML 32Page - SPANSION S29CD032G Datasheet HTML 33Page - SPANSION S29CD032G Datasheet HTML 34Page - SPANSION S29CD032G Datasheet HTML 35Page - SPANSION S29CD032G Datasheet HTML 36Page - SPANSION S29CD032G Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
33
Ad va nc e
In forma t i o n
6) Executing the Chip Erase command is permitted when the SecSi Sector is en-
abled. The Chip Erase command erases all sectors in the memory array except
for sector 0 in top-bootblock configuration and sector 45 in bottom-bootblock
configuration. The SecSi Sector is a one-time programmable memory area that
cannot be erased.
7) Executing the SecSi Sector Entry command during program or erase suspend
mode is allowed. The Sector Erase/Program Resume command is disabled while
the SecSi sector is enabled, and the user cannot resume programming of the
memory array until the Exit SecSi Sector command is written.
SecSi Sector Protection Bit
The SecSi Sector Protection Bit prevents programming of the SecSi Sector mem-
ory area. Once set, the SecSi Sector memory area contents are non-modifiable.
Persistent Protection Bit Lock
The Persistent Protection Bit (PPB) Lock is a volatile bit that reflects the state of
the Password Mode Locking Bit after power-up reset. If the Password Mode Lock-
ing Bit is set, which indicates the device is in Password Protection Mode, the PPB
Lock Bit is also set after a hardware reset (RESET# asserted) or a power-up reset.
The ONLY means for clearing the PPB Lock Bit in Password Protection Mode is to
issue the Password Unlock command. Successful execution of the Password Un-
lock command clears the PPB Lock Bit, allowing for sector PPBs modifications.
Asserting RESET#, taking the device through a power-on reset, or issuing the
PPB Lock Bit Set command sets the PPB Lock Bit back to a “1”.
If the Password Mode Locking Bit is not set, indicating Persistent Sector Protec-
tion Mode, the PPB Lock Bit is cleared after power-up or hardware reset. The PPB
Lock Bit is set by issuing the PPB Lock Bit Set command. Once set the only means
for clearing the PPB Lock Bit is by issuing a hardware or power-up reset. The
Password Unlock command is ignored in Persistent Sector Protection Mode.
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing
provides data protection against inadvertent writes. In addition, the following
hardware data protection measures prevent accidental erasure or programming,
which might otherwise be caused by spurious system level signals during VCC
power-up and power-down transitions, or from system noise.
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not accept any write cycles. This pro-
tects data during VCC power-up and power-down. The command register and all
internal erase/program circuits are disabled, and the device resets. Subsequent
writes are ignored until VCC is greater than VLKO. The system must provide the
proper signals to the control pins to prevent unintentional writes when VCC is
greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE#, or WE# do not initiate a
write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com