Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 80 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 80 Page - SPANSION

Back Button S29CD032G Datasheet HTML 76Page - SPANSION S29CD032G Datasheet HTML 77Page - SPANSION S29CD032G Datasheet HTML 78Page - SPANSION S29CD032G Datasheet HTML 79Page - SPANSION S29CD032G Datasheet HTML 80Page - SPANSION S29CD032G Datasheet HTML 81Page - SPANSION S29CD032G Datasheet HTML 82Page - SPANSION S29CD032G Datasheet HTML 83Page - SPANSION S29CD032G Datasheet HTML 84Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
80
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
AC Characteristics
Erase/Program Operations
Notes:
1. Not 100% tested.
2. See the section for more information.
Parameter
All Speed Options
JEDEC
Std.
Description
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
85
ns
tAVWL
tAS
Address Setup Time
Min
5
ns
tWLAX
tAH
Address Hold Time
Min
28
ns
tDVWH
tDS
Data Setup to WE# Rising Edge
Min
18
ns
tWHDX
tDH
Data Hold from WE# Rising Edge
Min
2
ns
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
8
ns
tWHEH
tCH
CE# Hold Time
Min
8
ns
tWLWH
tWP
WE# Width
Min
22
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation
(Note 2)
Double-Word
Typ
18
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
1.0
sec.
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Recovery Time from RY/BY#
Min
0
ns
tBUSY
RY/BY# Delay After WE# Rising Edge
Max
90
ns
tWPWS
WP# Setup to WE# Rising Edge with
Command
Min
20
ns
tWPRH
WP# Hold after RY/BY# Rising Edge
Max
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com