Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 39 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 39 Page - SPANSION

Back Button S29CD032G Datasheet HTML 35Page - SPANSION S29CD032G Datasheet HTML 36Page - SPANSION S29CD032G Datasheet HTML 37Page - SPANSION S29CD032G Datasheet HTML 38Page - SPANSION S29CD032G Datasheet HTML 39Page - SPANSION S29CD032G Datasheet HTML 40Page - SPANSION S29CD032G Datasheet HTML 41Page - SPANSION S29CD032G Datasheet HTML 42Page - SPANSION S29CD032G Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
39
Ad va nc e
In forma t i o n
SA35
SG15
70000h–73FFFh
16
SA36
74000h–77FFFh
16
SA37
78000h–7BFFFh
16
SA38
7C000h–7FFFFh
16
SA39
SG15
80000h–83FFFh
16
SA40
84000h–87FFFh
16
SA41
88000h–8BFFFh
16
SA42
8C000h–8FFFFh
16
SA43
SG17
90000h–93FFFh
16
SA44
94000h–97FFFh
16
SA45
98000h–9BFFFh
16
SA46
9C000h–9FFFFh
16
SA47
SG18
A0000h–A3FFFh
16
SA48
A4000h–A7FFFh
16
SA49
A8000h–ABFFFh
16
SA50
AC000h–AFFFFh
16
SA51
SG19
B0000h–B3FFFh
16
SA52
B4000h–B7FFFh
16
SA53
B8000h–BBFFFh
16
SA54
BC000h–BFFFFh
16
Table 13. Sector Addresses for Ordering Option 01 (Continued)
Sector
Sector Group
x32
Address Range (A19:A0)
Sector Size
(KDwords)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com