Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 91 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 91 Page - SPANSION

Back Button S29CD032G Datasheet HTML 85Page - SPANSION S29CD032G Datasheet HTML 86Page - SPANSION S29CD032G Datasheet HTML 87Page - SPANSION S29CD032G Datasheet HTML 88Page - SPANSION S29CD032G Datasheet HTML 89Page - SPANSION S29CD032G Datasheet HTML 90Page - SPANSION S29CD032G Datasheet HTML 91Page - SPANSION S29CD032G Datasheet HTML 92Page - SPANSION S29CD032G Datasheet HTML 93Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
91
Ad va nc e
In forma t i o n
Revision Summary
Revision A (July 29, 2003)
Initial release.
Revision A+1 (December 11, 2003)
Global
Converted to Spansion data sheet.
Distinctive Characteristics
Added Continuous Burst to the Programmable Burst interface section.
Added Additional Features section.
Ordering Information
Added additional marking to tables.
Global
Converted to Spansion data sheet.
Table 1. ”Device Bus Operation”
Removed Autoselect Manufacturer Code Operation and Autoselect Device Code
operation.
Added Asynchronous and Synchronous write operation.
Table 2. ”Bank Assignment for Boot Bank Sector Devices,” Table 3.
”Ordering Option 00”, and Table 4. ”Ordering Option 01”
Changed Banks to 0 and 1.
Writing Commands/Command Sequence
Added 7th paragraph.
Synchronous (Burst) Read Operation and Linear Burst Read Operations
Re-worded sections.
Table 6. ”32- Bit Linear and Burst Data Order”
Removed the Thirty-Two Linear Data Transfer sequence from table.
Initial Burst Access Delay Control
Removed text referring to the Clock Configuration bit in the Control Register.
SecSi Sector Entry Command
Corrected the addresses for the top and bottom boot blocks.
Revision B (March 22, 2004)
Global
Changed address range where specified to include A19 (where previously speci-
fied only up to A18).
Distinctive Characteristics
Programmable Burst Interface: Deleted reference to continuous burst.
High Performance Read Access: Changed fastest initial access time to 48 ns;
changed fastest burst access time to 7.5 ns.
Ultra Low Power Consumption: Added 75 MHz capability for Fortified BGA
packages.
General Description
Deleted last sentence in paragraph that begins with “The Versatile I/OTM (VCCQ)
feature...”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com