Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 16 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 16 Page - SPANSION

Back Button S29CD032G Datasheet HTML 12Page - SPANSION S29CD032G Datasheet HTML 13Page - SPANSION S29CD032G Datasheet HTML 14Page - SPANSION S29CD032G Datasheet HTML 15Page - SPANSION S29CD032G Datasheet HTML 16Page - SPANSION S29CD032G Datasheet HTML 17Page - SPANSION S29CD032G Datasheet HTML 18Page - SPANSION S29CD032G Datasheet HTML 19Page - SPANSION S29CD032G Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
16
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
it is not tested by executing an embedded operation in the big (busy) bank while
performing other operations in the small (non-busy) bank. Table 2.
Table 2. Bank Assignment for Boot Bank
Sector Devices
Also Table 18. ”Allowed Operations During Erase/Program Suspend. Also
Table 12. ”Sector Addresses for Ordering Option 00 and Table 13. ”Sector Ad-
dresses for Ordering Option 01.
Simultaneous Read/Write Operations With Zero Latency
The device is capable of reading data from one bank of memory while program-
ming or erasing in the other bank of memory. An erase operation may also be
suspended to read from or program to another location within the same bank (ex-
cept the sector being erased). Refer to the DC Characteristics table for read-
while-program and read-while-erase current specifications.
Simultaneous read/write operations are valid for both the main Flash memory
array and the SecSi OTP sector. Simultaneous Read/Write is disabled during the
CFI and Password Program/Verify operations. PPB Program/Erase operations and
the Password Unlock operation permit reading data from the large (75%) bank
while reading the operation status of these commands from the small (25%)
bank.
Table 3. Ordering Option 00
Table 4. Ordering Option 01
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data
to the device and erasing sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
The device features an Unlock Bypass mode to facilitate faster programming.
Once the device enters the Unlock Bypass mode, only two write cycles are re-
quired to program a word or byte, instead of four. The Sector Erase and Program
Suspend Command section has details on programming data to the device using
both standard and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sectors, or the entire device.
Tables 12 and 13 indicate the address space that each sector occupies. A “sector
address” consists of the address bits required to uniquely select a sector. The
Bank
Ordering Option 00
Ordering Option 01
Bank 0
Small Bank
Big Bank
Bank 1
Big Bank
Small Bank
Bank
A19:A18
Bank 0
00
Bank 1
01, 1X
Bank
A19
Bank 0
0X, 10
Bank 1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com