Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 70 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 70 Page - SPANSION

Back Button S29CD032G Datasheet HTML 66Page - SPANSION S29CD032G Datasheet HTML 67Page - SPANSION S29CD032G Datasheet HTML 68Page - SPANSION S29CD032G Datasheet HTML 69Page - SPANSION S29CD032G Datasheet HTML 70Page - SPANSION S29CD032G Datasheet HTML 71Page - SPANSION S29CD032G Datasheet HTML 72Page - SPANSION S29CD032G Datasheet HTML 73Page - SPANSION S29CD032G Datasheet HTML 74Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 93 page
background image
70
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
DC Characteristics
CMOS Compatible
Notes:
1. The ICC current listed includes both the DC operating current and the frequency dependent component.
2. ICC active while Embedded Erase or Embedded Program is in progress.
3. Not 100% tested.
4. Maximum ICC specifications are tested with VCC = VCCmax.
5. Current maximum has been increased significantly from data sheet Revision B+4, Dated April 8, 2003.
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VIO, VIO = VIO max
±1.0
µA
ILIWP
WP# Input Load Current
VIN = VSS to VIO, VIO = VIO max
–25
µA
ILIT
A9, ACC Input Load Current
VCC = VCCmax; A9 = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
±1.0
µA
ICCB
VCC Active Burst Read Current
(Note 1)
CE# = VIL,
OE# = VIL
56 MHz
8 Double-Word
70
90
mA
66, 75
MHz
ICC1
VCC Active Asynchronous Read Current
(Note 1)
CE# = VIL, OE# = VIL
1 MHz
10
mA
ICC3
VCC Active Program Current
(Notes 2, 4)
CE# = VIL, OE# = VIH, ACC = VIH
40
50
mA
ICC4
VCC Active Erase Current (Notes 2, 4) CE# = VIL, OE# = VIH, ACC = VIH
20
50
mA
ICC5
VCC Standby Current (CMOS) (Note 5) VCC= VCC max, CE# = VCC ± 0.3 V
60
µA
ICC6
VCC Active Current (Read While Write) CE# = VIL, OE# = VIL
30
90
mA
ICC7
VCC Reset Current (Note 5)
RESET# = VIL
60
µA
ICC8
Automatic Sleep Mode Current (Note
5)
VIH = VCC ± 0.3 V, VIL = VSS ± 0.3 V
60
µA
IACC
VACC Acceleration Current
ACC = VHH
20
mA
VIL
Input Low Voltage
–0.5
0.3 x VIO
V
VIH
Input High Voltage
0.7 x VIO
VCC
V
VILCLK
CLK Input Low Voltage
–0.2
0.3 x VIO
V
VIHCLK
CLK Input High Voltage
0.7 x VCC
2.75
V
VID
Voltage for Autoselect
VCC = 2.5 V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
IOLRB
RY/BY#, Output Low Current
VOL = 0.4 V
8
mA
VHH
Accelerated (ACC pin) High Voltage
IOH = –2.0 mA, VCC = VCC min
0.85 x VCC
V
VOH
Output High Voltage
IOH = –100 µA, VCC = VCC min
VIO –0.1
V
VLKO
Low VCC Lock-Out Voltage (Note 3)
1.6
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com