Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 22 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 22 Page - SPANSION

Back Button S29CD032G Datasheet HTML 18Page - SPANSION S29CD032G Datasheet HTML 19Page - SPANSION S29CD032G Datasheet HTML 20Page - SPANSION S29CD032G Datasheet HTML 21Page - SPANSION S29CD032G Datasheet HTML 22Page - SPANSION S29CD032G Datasheet HTML 23Page - SPANSION S29CD032G Datasheet HTML 24Page - SPANSION S29CD032G Datasheet HTML 25Page - SPANSION S29CD032G Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
22
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
CE# Control in Linear Mode
The CE# (Chip Enable) pin enables the device during read mode operations. CE#
must meet the required burst read setup times for burst cycle initiation. If CE#
is taken to VIH at any time during the burst linear or burst cycle, the device im-
mediately exits the burst sequence and floats the DQ bus signal. Restarting a
burst cycle is accomplished by taking CE# and ADV# to VIL.
ADV# Control In Linear Mode
The ADV# (Address Valid) pin is used to initiate a linear burst cycle at the clock
edge when CE# and ADV# are at VIL and the device is configured for either linear
burst mode operation. A burst access is initiated and the address is latched on
the first rising CLK edge when ADV# is active or upon a rising ADV# edge, which-
ever occurs first. If the ADV# signal is taken to VIL prior to the end of a linear
burst sequence, the previous address is discarded and subsequent burst transfers
are invalid until ADV# transitions to VIH before a clock edge, which initiates a new
burst sequence.
RESET# Control in Linear Mode
The RESET# pin immediately halts the linear burst access when taken to VIL. The
DQ data bus signal float. Additionally, the Configuration Register contents are
reset back to the default condition where the device is placed in asynchronous
access mode.
OE# Control in Linear Mode
The OE# (Output Enable) pin is used to enable the linear burst data on the DQ
data bus pin. De-asserting the OE# pin to VIH during a burst operation floats the
data bus. However, the device will continue to operate internally as if the burst
sequence continues until the linear burst is complete. The OE# pin does not halt
the burst sequence, this is accomplished by either taking CE# to VIH or re-issuing
a new ADV# pulse. The DQ bus remains in the float state until OE# is taken to
VIL.
IND/WAIT# Operation in Linear Mode
The IND/WAIT#, or End of Burst Indicator signal (when in linear modes), informs
the system that the last address of a burst sequence is on the DQ data bus. For
example, if a 2-double-word linear burst access is enabled using a 16-bit DQ bus
(WORD# = VIL), the IND/WAIT# signal transitions active on the second access.
If the same scenario is used, the IND/WAIT# signal has the same delay and setup
timing as the DQ pins. Also, the IND/WAIT# signal is controlled by the OE# sig-
nal. If OE# is at VIH, the IND/WAIT# signal floats and is not driven. If OE#is at
VIL, the IND/WAIT# signal is driven at VIH until it transitions to VIL indicating the
end of burst sequence. The IND/WAIT# signal timing and duration is (See “Con-
figuration Register” for more information). The following table lists the valid
combinations of the Configuration Register bits that impact the IND/WAIT#
timing.
Table 7. Valid Configuration Register Bit Definition for IND/WAIT#
DOC
WC
CC
Definition
0
0
1
IND/WAIT# = VIL for 1-CLK cycle, Active on last transfer, Driven on risiong CLD edge
0
1
1
IND/WAIT# = VIL for 1-CLK cycle, Active on second to last transfer, Driven on rising CLK edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com