Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 23 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 23 Page - SPANSION

Back Button S29CD032G Datasheet HTML 19Page - SPANSION S29CD032G Datasheet HTML 20Page - SPANSION S29CD032G Datasheet HTML 21Page - SPANSION S29CD032G Datasheet HTML 22Page - SPANSION S29CD032G Datasheet HTML 23Page - SPANSION S29CD032G Datasheet HTML 24Page - SPANSION S29CD032G Datasheet HTML 25Page - SPANSION S29CD032G Datasheet HTML 26Page - SPANSION S29CD032G Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
23
Ad va nc e
In forma t i o n
Burst Access Timing Control
In addition to the IND/WAIT# signal control, burst controls exist in the Control
Register for initial access delay, delivery of data on the CLK edge, and the length
of time data is held.
Initial Burst Access Delay Control
The device contains options for initial access delay of a burst access. The initial
access delay has no effect on asynchronous read operations.
Burst Initial Access Delay is defined as the number of clock cycles that must
elapse from the first valid clock edge after ADV# assertion (or the rising edge of
ADV#) until the first valid CLK edge when the data is valid.
The burst access is initiated and the address is latched on the first rising CLK edge
when ADV# is active or upon a rising ADV# edge, whichever comes first. (Table
8 describes the initial access delay configurations.)
Figure 2. End of Burst Indicator (IND/WAIT#) Timing for Linear 8-Word Burst Operation
CE#
CLK
ADV#
Addresses
OE#
Data
Address 1
Address 2
Invalid
D1
D2
D3
D0
Address 1 Latched
3 Clock Delay
IND/WAIT#
VIL
VIH
Note: Operation is shown for the 32-bit data bus. Figure shown with 3-CLK initial access delay configuration, linear address, 4-
doubleword burst, output on rising CLD edge, data hold for 1-CLK, IND/WAIT# asserted on the last transfer before wrap-around.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com