Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 38 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 38 Page - SPANSION

Back Button S29CD032G Datasheet HTML 34Page - SPANSION S29CD032G Datasheet HTML 35Page - SPANSION S29CD032G Datasheet HTML 36Page - SPANSION S29CD032G Datasheet HTML 37Page - SPANSION S29CD032G Datasheet HTML 38Page - SPANSION S29CD032G Datasheet HTML 39Page - SPANSION S29CD032G Datasheet HTML 40Page - SPANSION S29CD032G Datasheet HTML 41Page - SPANSION S29CD032G Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 93 page
background image
38
S29CD032G
30606B0 March 22, 2004
Ad va n c e
In f o rm a t i o n
Table 13. Sector Addresses for Ordering Option 01
Sector
Sector Group
x32
Address Range (A19:A0)
Sector Size
(KDwords)
SA0 (Note 3)
SG0
00000h–007FFh
2
SA1 (Note 3)
SG1
00800h–00FFFh
2
SA2
SG2
01000h–017FFh
2
SA3
SG3
01800h–01FFFh
2
SA4
SG4
02000h–027FFh
2
SA5
SG5
02800h–02FFFh
2
SA6
SG6
03000h–037FFh
2
SA7
SG7
03800h–03FFFh
2
SA8
SG8
04000h–07FFFh
16
SA9
08000h–0BFFFh
16
SA10
0C000h–0FFFFh
16
SA11
SG9
10000h–13FFFh
16
SA12
14000h–17FFFh
16
SA13
18000h–1BFFFh
16
SA14
1C000h–1FFFFh
16
SA15
SG10
20000h–23FFFh
16
SA16
24000h–27FFFh
16
SA17
28000h–2BFFFh
16
SA18
2C000h–2FFFFh
16
SA19
SG11
30000h–33FFFh
16
SA20
34000h–37FFFh
16
SA21
38000h–3BFFFh
16
SA22
3C000h–3FFFFh
16
SA23
SG12
40000h–43FFFh
16
SA24
44000h–47FFFh
16
SA25
48000h–4BFFFh
16
SA26
4C000h–4FFFFh
16
SA27
SG13
50000h–53FFFh
16
SA28
54000h–57FFFh
16
SA29
58000h–5BFFFh
16
SA30
5C000h–5FFFFh
16
SA31
SG14
60000h–63FFFh
16
SA32
64000h–67FFFh
16
SA33
68000h–6BFFFh
16
SA34
6C000h–6FFFFh
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com