Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29CD032G Datasheet(PDF) 13 Page - SPANSION

Part # S29CD032G
Description  CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032G Datasheet(HTML) 13 Page - SPANSION

Back Button S29CD032G Datasheet HTML 9Page - SPANSION S29CD032G Datasheet HTML 10Page - SPANSION S29CD032G Datasheet HTML 11Page - SPANSION S29CD032G Datasheet HTML 12Page - SPANSION S29CD032G Datasheet HTML 13Page - SPANSION S29CD032G Datasheet HTML 14Page - SPANSION S29CD032G Datasheet HTML 15Page - SPANSION S29CD032G Datasheet HTML 16Page - SPANSION S29CD032G Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
March 22, 2004 30606B0
S29CD032G
13
Ad va nc e
In forma t i o n
Ordering Information
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device.
Consult your local sales office to confirm availability of specific valid combinations and to
check on newly released combinations.
S29CD032G
0J
F
A
I
00
0
PACKING TYPE
0
= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
ADDITIONAL ORDERING OPTIONS
00
= 8Mb in Bank 1, 24Mb in Bank 2, WP# protects sectors 76 and 77
01
= 24Mb in Bank 1, 8Mb in Bank 2, WP# protects sectors 0 and 1
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
N
= Extended (–40
°C to +125°C)
MATERIAL SET
A= Standard
PACKAGE TYPE
Q
= Plastic Quad Flat Package (PQFP)
F
= Fortified Ball Grid Array, 1.0 mm pitch package
CLOCK FREQUENCY
0J
= 40 MHz
0M
= 56 MHz
0P
= 66 MHz
0R
= 75 MHz
DEVICE NUMBER/DESCRIPTION
S29CD032G
32 Megabit (1 M x 32-Bit) CMOS 2.5 Volt-only Burst Mode,
Dual Boot, Simultaneous Read/Write Flash Memory
Manufactured on 170 nm floating gate technology
Valid Combinations for PQFP Packages
Clock Frequency
S29CD032G0R
QAI00
QAI01
QAN00
QAN01
75 MHz
S29CD032G0P
66 MHz
S29CD032G0M
56 MHz
S29CD032G0J
40 MHz
Valid Combinations for Fortified BGA Packages
Clock Frequency
Order Number
Package Marking
S29CD032G0R
FAI00
FAI01
FAN00
FAN01
CD032G0RFA
I00
I01
N00
N01
75 MHz
S29CD032G0P
CD032G0PFA
66 MHz
S29CD032G0M
CD032G0MFA
56 MHz
S29CD032G0J
CD032G0JFA
40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com