Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  VCKB1111CS-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
VCKB1111CS-TR
Specifications
【 Electro and optical characteristics 】
Above the table of luminous intensity (Iv) values and dominant wavelength (λd) values are the setup
value of the selection machine. 【Tolerance : Iv…±10%, λd…±1nm】
-
mcd
110
nm
220
-
660
nm
λd
deg.
IF = 20mA
476
IF = 20mA
Dominant wavelength
Notes
deg.
Half intensity angle
IR
IF = 20mA
IV
λp
Reverse current
Luminous intensity
Peak wavelength
Luminous flux
φ
V
Forward voltage
MIN.
TYP.
MAX.
3.3
ITEM
SYMBOL
VF
3.5
(Ta=25℃)
IF = 20mA
CONDITIONS
V
-
μA
2.6
468
155
-
-
mlm
UNITS
VR = 5V
460
10
-
IF = 20mA
463
165
-
-
82
IF = 20mA
-
ΔθX
ΔθY
IF = 20mA
-
C3
150
180
C4
180
220
IF=20mA
Ta=25℃
Notes
Above the table of luminous intensity (Iv) values and dominant wavelength (λd) values are the setup  
value of the selection machine. 【Tolerance : Iv…±10%, λd…±1nm】
472
472
476
IF=20mA
Ta=25℃
C1
A
120
C
100
IV (mcd)
Conditions
MAX.
468
LEDs shall be sorted out into the following ranks of luminous intensity and dominant wavelength.
82
MIN.
BZ
MAX.
Luminous intensity (Iv) rank
Rank
Rank
Dominant wavelength (λd) rank
460
464
B
464
468
100
C2
120
150
D
【 Sorting for luminous intensity and dominant wavelength 】
λd (nm)
MIN.
Conditions
Page : 4
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com