Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 7 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 7 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
VCKB1111CS-TR
1
10
100
1
10
100
Duty cycle vs. Maximum forward current
Duty : (%)
460
462
464
466
468
470
472
474
476
478
480
-40
-20
0
20
40
60
80
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
DC
Duty 10%
Duty 20%
Duty 50%
460
462
464
466
468
470
472
474
476
478
480
0
5
10
15
20
25
Ambient temperature vs. Dominant wavelength
Ambient temperature : Ta (℃)
Forward current vs. Dominant wavelength
Condition : Ta = 25℃
Forward current : IF (mA)
Condition:Ta=25℃
Ambient temperature vs. Maximum forward current
Repeatition frequency:f≧100Hz
Ambient temperature : Ta (℃)
Page : 7
2017.9.14
Technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com