Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
VCKB1111CS-TR
0.1
1
10
-40
-20
0
20
40
60
80
100
2.7
2.9
3.1
3.3
3.5
3.7
-40
-20
0
20
40
60
80
100
2mA
5mA
10mA
25mA
20mA
15mA
0.0
0.5
1.0
1.5
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
CI
1
10
100
2.7
2.9
3.1
3.3
3.5
3.7
85℃
100℃
60℃
-40℃
-20℃
0℃
25℃
Forward current vs. Relative intensity
Condition : Ta = 25℃
Forward current : I
F (mA)
Ambient temperature vs. Relative intensity
Condition : I
F= 20mA
Ambient temperature : Ta (℃)
Forward voltage vs. Forward current
Condition : Ta = -40 to +100℃
Forward voltage
: V
F (V)
Technical data
Ambient temperature vs. Forward voltage
Condition : I
F = 2 to 25mA
Ambient temperature : Ta (℃)
Page : 6
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com