Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
VCKB1111CS-TR
Soldering condition
4.
If soldering manually, Stanley recommends using a soldering iron equipped with temperature control. During
the actual soldering process, make sure that the soldering iron never touches the LED itself, and avoid the
LED's electrode heating temperature reaching above the heating temperature of the solder pad. All repairs
must be performed only once in the same spot, and please avoid reusing components.
5. In soldering process, immediately after iron tip is cleaned, please make sure that the soldering iron reaches the
appropriate temperature before using. Also, please avoid applying any types of pressure to the soldered
components before the solder has been cooled and hardened, as it may deteriorate solder performance and
solder quality.
6.
When using adhesive material for tentative fixatives, thermosetting resin or Ultraviolet radiation (UV) setting
resin with heat shall be recommended.
《The curing condition, Temperature:150℃Max./Time:300sec.Max.》
7.
Flow soldering (dip soldering) is not recommended for this product.
8.
Isopropyl alcohol is recommended for cleaning. Some chemicals, including Freon substitute detergent
could corrode the lens or the casing surface, which cause discoloration, cloud, crack and so on. Please
review the reference chart below for cleaning. If water is used to clean (including the final cleaning
process), please use pure water (not tap water), and completely dry the component. Cleaning with
ultrasonic is not recommended.
【Recommended manual soldering condition】
Temperature of iron tip
350℃MAX.
Soldering duration, time
3sec.Max.,1 time
Page : 9
Cleaning agents
Recommended / Not recommended
Isopropyl alcohol
Recommended
Ethyl alcohol
Recommended
Pure water
Recommended
Trichloroethylene
x Not recommended
Chlorothene
x Not recommended
Acetone
x Not recommended
Thinner
x Not recommended
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com