Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 21 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 21 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 21Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 22Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
VCKB1111CS-TR
Reliability testing result
1. Reliability testing result
2. Failure criteria
High temperature
storage life
Ta=110℃
Ta=-40℃
EIAJ ED-4701
/200(201)
0 / 20
Wet high temperature
operating life
EIAJ ED-4701
/100(102)
0 / 20
1,000h
0 / 20
1,000h
EIAJ ED-4701
/100(101)
Ta=60℃ 90% IF=25mA
1,000h
0 / 20
1,000h
EIAJ ED-4701
/200(202)
EIAJ ED-4701
/100(101)
Low temperature
operating life
0 / 20
Electrostatic discharge (ESD)
※1
EIAJ ED-4701
/300(304)
C=100pF R2=1.5kΩ ±2,000V
Wet high temperature
storage life
EIAJ ED-4701
/200(202)
Ta=60℃ 90%
0 / 20
1,000
cycles
Low temperature
storage life
0 / 20
2 times
0 / 10
Ta=-40℃ ~110℃
(each 15min)
EIAJ ED-4701
/100(105)
1,000h
0 / 20
Thermal shock
Test item
Duration
Test condition
Standard
High temperature
operating life
Operating life
EIAJ ED-4701
/100(101)
Ta=85℃ IF=25mA
Ta=25℃ IF=25mA
Ta=-40℃ IF=25mA
0 / 20
Failure
1,000h
1,000h
Moisture soak:60℃ 60% 121h
Preheating:150~180℃ 90 to 120sec
Soldering:260℃ 5sec
Vibration, Variable frequency
EIAJ ED-4701
/400(403)
98.1m/s
2
(10G) 100~2,000Hz 20min.
sweep
XYZ direction
2 h of
each direction
0 / 10
3 times of each
polarity
EIAJ ED-4701
/300(301)
Resistance to
reflow soldering
※1 Reference test
External appearance
-
-
Notable Discoloration, Deformation and Cracking
Luminous Intensity
IV
IF=20mA
Testing Min. Value < Standard Min. Value × 0.5
Forward Voltage
VF
IF=20mA
Testing Max. Value ≧ Standard Max. Value × 1.2
Reverse Current
IR
VR=5V
Testing Max. Value ≧ Standard Max. Value × 2.5
Item
Symbol
Conditions
Failure Criteria
Page : 21
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com