Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  VCKB1111CS-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
VCKB1111CS-TR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
380
430
480
530
580
630
680
730
780
Relative intensity vs. wavelength
Conditions: Ta = 25℃, I
F =20mA
Wavelength : (nm)
Spatial distribution
Conditions: Ta = 25℃, I
F=20mA
Technical data
Relative intensity : (%)
x direction
x
y
y direction
Page : 5
100
50
50
0
100
-60
-30
0
30
60
90
-90
100
50
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
30
60
-60
-30
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com