Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
VCKB1111CS-TR
Handling precaution
This type of LED lamp is highly sensitive to surge voltage generated by the On/Off status change and
discharges of static electricity through frictions with synthetic materials, which may cause severe damage to
the die or undermine its reliability. Damaged products may experience conditions such as extremely high
reverse voltage, or a decrease of forward rise voltage, deteriorating its optical characteristic.
Stanley products are designed to withstand up to 1,000V under the EIAJ ED-4701/300 Test ♯304 (HBM),
and are packed with anti-static components. However, the following precautions and measures are vital in
ensuring product quality during shipment.
EIAJ ED-4701/300(304/HBM) Electrification model: C=100pF, R2=1.5KΩ
① Do not place electrified non-conductive materials near the LED product.
Avoid LED products from coming into contact with metallic materials.( Should the metallic material be
electrified , the sudden surge voltage will most likely damage the product.)
② Avoid a working process which may cause the LED product to rub against other materials.
③ Install ground wires for any equipment, where they can be installed, with measures to avoid static electricity
surges.
④ Prepare a ESD protective area by placing a conductive mattress (1MΩ MAX.) and ionizer to remove any
static electricity.
⑤ Operators should wear a protective wrist-strap.
⑥ Operators should wear conductive work-clothes and shoes.
⑦ To handle the products directly, Stanley recommends the use of ceramic, and not metallic, tweezers.
2. Working environment
① A dry environment is more likely to cause static electricity. Although a dry environment is ideal for
storage state of LED products, Stanley recommends an environment with approximately 50% humidity
after the soldering process.
② Recommended static electricity level in the working environment is less than150V, which is the same
value as Integrated Circuits (which are sensitive to static electricity).
【For electric static discharge ( ESD)】
1. Electrification/Static electricity protection
Stanley recommends the following precautions in order to avoid product (die) damage from static electricity ,
when an operator and other materials electrified by friction coming in contact with the product.
Page : 10
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com