Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 12 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 12 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
VCKB1111CS-TR
Packaging specifications
This product is baked (moisture removal) before packaging, and is shipped in moisture-proof packaging (as shown
below) to minimize moisture absorption during transportation and storage. However, with regard to storing the
products, Stanley recommends the use of dry-box under the following conditions is recommended. Moisture-proof
bag as the packaging is made of anti-static material but packaging box is not.
The package should not be opened until immediately prior to its use, and please keep the time frame between
package opening and soldering which is 【
maximum 672h】.
If the device needs to be soldered twice, both soldering operations must be completed within168h.
If any components should remain unused, please reseal the package and store them under the conditions described
in the 【 Recommended Storage Condition 】 above.
This product must be required to perform baking process (moisture removal) for
10h(min.) to 12h(max.) at 60+/-5 degrees Celsius if following conditions apply.
1.In the case of silica gel (blue) which indicates the moisture level within the package, changes or loses its
blue color.
2. In the case of time passes for 168h after the package is opened once.
Baking process should be performed after LED having been taken out of the package.
Baking may be performed in the tape-reel form , however if it is performed with the reel stacked over one another,
it may cause deformation of the reels and taping materials and later obstruct mounting. Please handle only once it
has returned to room temperature. Provided that, baking process shall be 2 times MAX.
【Time elapsed after package opening】
In the case of the package unopened , 6 months under 【 Recommended Storage Condition 】.
Please avoid rapid transition from low temp. condition to high temp. condition
and storage in corroding and dusty environment.
【Recommended storage condition / Products warranty period 】
Temperature
+5~30℃
Humidity
Under 70%
Page : 12
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com