Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 16 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 16 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
VCKB1111CS-TR
Taping and reel specifications
(acc.to JIS-C0806-03)
【Appearance】
Note
"-TR" means Cathode Side of LEDs should be placed on the sprocket-hole side.
Items
Specifications
Remarks
Leader area
Cover-tape
Cover-tape shall be longer
than 200mm without carrier-tape
The end of cover-tape shall be
held with adhesive tape.
Carrier-tape
Empty pocket shall be more than
10 pieces.
Please refer to the above figure
for Taping & reel orientation .
Trailer area
Empty pocket shall be more than 15
pieces.
The end of taping shall be
inserted into a slit of the hub.
Page : 16
2017.9.14
Direction to take out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com