Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCKB1111CS-TR Datasheet(PDF) 17 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCKB1111CS-TR
Description  Lead-free soldering compatible
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCKB1111CS-TR Datasheet(HTML) 17 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VCKB1111CS-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 16Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 17Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 18Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 19Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 20Page - STANLEY ELECTRIC CO.,LTD. VCKB1111CS-TR Datasheet HTML 21Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
VCKB1111CS-TR
Taping and reel specifications
(acc.to JIS-C0806-03)
【Qty. per reel】
【Mechanical strength】
【Others】
4,000parts/reel
Minimum Qty. per reel might be 500 parts when getting less than 4,000 parts.
In such case, parts of 500-unit-qty. shall be packed in a reel and the qty.shall be identified on the label
Cover-tape adhesive strength shall be 0.1~1.0N ( An angle between carrier-tape and cover-tape shall be170 deg. ).
Both tapes shall be so sealed that the contained parts will not come out from the tape when it is bent at a radius of
15mm.
Reversed-orientation, Up-side down placing, side placing and out of spec. parts mix shall not be held.
Max qty. of empty pocket per reel shall be defined as the following.
1
1,500
-
500
4,000
4
No continuance
3,500
4
No continuance
2,500
-
No continuance
3
3,000
Remarks
Max. qty. of empty pocket
Qty./reel
2
-
No continuance
3
1,000
1
2,000
2
No continuance
Page : 17
2017.9.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com