Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADL5304
Rev. A | Page 25 of 32
APPLICATIONS INFORMATION
USING THE ADL5304
The basic connections for single-supply operation are shown in
Figure 55. Supply decoupling is not critical and the suggested values
are conservative; however, it is recommended that a ferrite bead
be placed in the supply lines together with a 0.1 μF decoupling
capacitor. Ferrite beads are preferable to resistors because they do
not produce a dc voltage drop that can affect reference levels. In
Figure 55, the slope is 10 mV/dB or 0.2 V/decade, and the intercept
is 3.162 fA. For the full dynamic range of 200 dB (100 dB optical),
VLOG varies from 0.5 V to 2.5 V (see small diagram at the output
in Figure 55) with VLOG = VOFS = 1.5 V, when INUM = IDEN. Because
the IDEN pin is connected to the IREF pin, IDEN = 100 nA.
Figure 55 also shows the setup for the adaptive photodiode bias.
If this is not desired, ground the IMON pin, remove RMNTR, and
provide the desired bias voltage greater than 1.5 V to the cathode of
the PD. As noted in the Photodiode Bias section, the on-chip 2 V
reference can be used for this purpose and provides an exact 0.5 V
reverse bias together with the 1.5 V that is forced by the FET
amp to the anode via the INUM pin.
Using the Adaptive Bias
The positive bias on the photodiode cathode must be adequate
to support the peak current, which is limited by its internal series
resistance, RS. Typical values of RS are 5 Ω. A model of a repre-
sentative photodiode (JDSU EPM 605) is shown in Figure 54.
PD
2
CASE
1
1nH
1.5nH
Rs
0.55pF
0.5pF
0.5pF
0.13pF
5nH
5nH
Figure 54. Photodiode Model
It is desirable to use a small bias at very low levels of
illumination to minimize the error due to current leakage
across the diode terminals. The adaptive bias achieves this
automatically even for larger currents through the addition
of the external resistor, RMNTR, that is 10 times RS. In case of
uncertainty in RS, an RMNTR that is slightly greater than 10 times
RS is recommended. In the limit, when RMNTR is not present at
all, the voltage at the IMON pin increases until the current
source saturates and absorbs the excess 10% of current that the
IMON output generates. However, this defeats the purpose of
the adaptive bias; therefore, users must ensure that RMNTR is
present when using the adaptive bias.
ADL5304
2
30
3
4
5
8
7
MONITOR AND
PD BIAS
(1.1× INUM)
TEMPERATURE
COMPENSATION
32
31
26
9
IMON
VNUM INNM
VDEN
ACOM
COMM
INDN
1P5V
2VLT
DCBI
VPOS
BSDC
VSM1
1.5V
VSM2
1.5V
IREF
IDEN
INUM
VSM3
1.5V
VSM4
1.5V
10
11
27
29
100nA
1.5V
17
24
2V
BIAS AND
VREF
15
14
INPS
INMS
VLOG
23
22
5kΩ
5kΩ
7.5kΩ
21
20
19
18
SCL1
SCL2
SCL3
ACOM
RMNTR
6
PD
SHIELD
SHIELD
0.1µF
0.1µF
0.1µF
0.1µF
HFCP
16
0.1µF
1µF
28
4.02Ω
VNUM
VDEN
IMPORTANT: ~1mA
BIAS CURRENT FLOWS OUT
OF DCBI. NEEDS TO BE
CONNECTED TO 1P5V.
FB
VPOS
ILOG
RLOAD
2.5V
1.5V
0.5V
1p 100n 10m
NMFS VNEG DNFS
12
13
RNMFS
RDNFS
Figure 55. Basic Connections for Single-Supply Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com