Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADL5304
Data Sheet
Rev. A | Page 12 of 32
2VLT VOLTAGE (V)
0
50
100
150
200
300
250
1.996
1.998
2.000
2.002
2.004
Figure 33. 2VLT Histogram
INUM SLOPE (mV/dec)
0
50
100
150
200
300
250
195.0
197.5
200.0
202.5
205.0
Figure 34. Distribution of Logarithmic Slope (Nominally 200 mV/dec)
IREF CURRENT (nA)
0
140
120
100
80
60
40
20
95.0
105.0
97.5
100.0
102.5
Figure 35. Distribution of IREF (Nominally 100 nA)
VOFFSET (V)
0
180
160
140
120
100
80
60
40
20
1.495
1.505
1.498
1.500
1.503
Figure 36. Distribution of VLOG for INUM = IDEN = 100 nA (Nominally 1.500 V)
TEMPERATURE (°c)
–15
20
15
10
2
0
–5
–10
–40
80
60
40
20
0
–20
VPOS SINGLE SUPPLY
VNEG SINGLE SUPPLY
VPOS DUAL SUPPLY
VNEG DUAL SUPPLY
Figure 37. Supply Current vs. Temperature (|VPOS|, |VVNEG|)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com