Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADL5304
Rev. A | Page 11 of 32
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0
10
20
30
40
50
60
TIME (µs)
1mA TO 10mA
100µA TO 1mA
10µA TO 100µA
1µA TO 10µA
100nA TO 1µA
10nA TO 100nA
Figure 27. Pulse Response for IDEN in Decade Steps from 1 nA to 1 mA;
INUM = 100 nA
10m
1m
100µ
10µ
1µ
100n
0
20
40
60
80
TIME (µs)
1.1µA TO 11µA
11µA TO 110µA
110µA TO 1.1mA
Figure 28. IMON Pulse Response vs. INUM
5
–5
–4
–3
–2
–1
0
1
2
3
4
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
+3σ
–3σ
Figure 29. Slope Drift vs. Temperature for 200 mV/dec
(3 σ to Either Side of Mean)
10
–10
–8
–6
–4
–2
0
2
4
6
8
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
+3σ
–3σ
Figure 30. Logarithmic Offset Drift vs. Temperature
(3 σ to Either Side of Mean)
INUM VOS (mV)
0
50
100
150
200
250
–1.0
–0.5
0
0.5
1.0
Figure 31. (VNUM − VSUM) Histogram at 25°C
1P5V VOLTAGE (V)
0
50
100
150
200
250
1.496
1.498
1.500
1.502
1.504
Figure 32. 1P5V Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com