Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5304ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5304ACPZ-R7
Description  High Speed, 200 dB Range, Logarithmic Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5304ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5304ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5304ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
ADL5304
Rev. A | Page 7 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS = 5 V, VNEG = 0 V, TA = 25°C; IDEN = IREF; VSM1 to VSM4, 1P5V, DCBI, and INPS tied together; SCL1 = VLOG; SCL2 = INMS;
SCL3 = open; scale = 200 mV/dec; VLOG output load RL > 2 kΩ, unless otherwise noted.
3.0
2.5
2.0
1.5
1.0
0.5
0
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
INUM CURRENT (A)
+85°C
+70°C
+25°C
0°C
–40°C
Figure 3. VLOG vs. INUM for Multiple Temperatures
3.0
2.5
2.0
1.5
1.0
0.5
0
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
IDEN CURRENT (A)
+85°C
+70°C
+25°C
0°C
–40°C
Figure 4. VLOG vs. IDEN for Multiple Temperatures; INUM = 100 nA
3.0
3.5
2.5
2.0
1.5
1.0
0.5
0
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
INUM CURRENT (A)
100pA
1nA
10nA
100nA
1µA
10µA
100µA
1mA
Figure 5. VLOG vs. INUM for Multiple Values of IDEN
(Decade Steps from 100 pA to 1 mA)
3
2
1
0
–1
–2
–3
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
INUM CURRENT (A)
+85°C
+70°C
+25°C
0°C
–40°C
Figure 6. Law Conformance Error vs. INUM for Multiple Temperatures;
Normalized to 25°C
3
2
1
0
–1
–2
–3
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
IDEN CURRENT (A)
+85°C
+70°C
+25°C
0°C
–40°C
Figure 7. Law Conformance Error vs. IDEN for Multiple Temperatures;
INUM = 100 nA; Normalized to 25°C
3
2
1
0
–1
–2
–3
1p
10p
100p
1n
10n
100n
1μ
10μ 100μ 1m 10m
INUM CURRENT (A)
1mA
100µA
10µA
1µA
100nA
10nA
1nA
100pA
Figure 8. Law Conformance Error vs. INUM for Multiple Values of IDEN
(Decade Steps from 100 pA to 1 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com